Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM6802A Fiches technique(PDF) 11 Page - Nippon Precision Circuits Inc

No de pièce SM6802A
Description  Class-D Stereo Amplifier for Portable Device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NPC [Nippon Precision Circuits Inc]
Site Internet  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6802A Fiches technique(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM6802A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6802A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6802A Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6802A Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6802A Datasheet HTML 11Page - Nippon Precision Circuits Inc SM6802A Datasheet HTML 12Page - Nippon Precision Circuits Inc SM6802A Datasheet HTML 13Page - Nippon Precision Circuits Inc SM6802A Datasheet HTML 14Page - Nippon Precision Circuits Inc SM6802A Datasheet HTML 15Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SM6802A
NIPPON PRECISION CIRCUITS INC.—11
Mounting Circuits
Connection to LC Filter
Direct Connection to Load
Note. As for the wiring to VDD1, VDD2, VDD3, VSS1, and VSS2, we recommend to wire from the power supply block. The recommended value of internal
impedance (Z0) is approximately less than 1/40 of load resistance.
VDD1
VSS1
VDD2
VSS2
VDD3
ROUTP
ROUTN
1
µF
LOUTP
LOUTN
1
µF
LC filter
LC filter
LC filter
LC filter
LC filter
Speaker
Speaker
1
µF
VCC
VSS
Z0
SM6802
VDD1
VSS1
VDD2
VSS2
VDD3
ROUTP
ROUTN
10
µF
LOUTP
LOUTN
10
µF
Speaker
Speaker
1
µF
VCC
VSS
Z0
SM6802


Numéro de pièce similaire - SM6802A

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
SM6802 SAMHOP-SM6802 Datasheet
231Kb / 13P
   WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
SM6802G SAMHOP-SM6802G Datasheet
231Kb / 13P
   WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
SM6802L SAMHOP-SM6802L Datasheet
231Kb / 13P
   WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
More results

Description similaire - SM6802A

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM6801A NPC-SM6801A Datasheet
213Kb / 16P
   Class-D Mono Amplifier for Portable Device
logo
Rohm
BD5421EFS ROHM-BD5421EFS Datasheet
349Kb / 6P
   Stereo Class-D Power Amplifier for Speaker
logo
Maxim Integrated Produc...
MAX98306_1108 MAXIM-MAX98306_1108 Datasheet
2Mb / 14P
   Stereo 3.7W Class D Amplifier
Rev 1; 8/11
logo
NXP Semiconductors
TFA9879 PHILIPS-TFA9879_15 Datasheet
1Mb / 60P
   Mono BTL class-D audio amplifier for portable applications
Rev. 02-15 October 2010
logo
Microsemi Corporation
LX1722 MICROSEMI-LX1722 Datasheet
367Kb / 14P
   Class-D Stereo Power Amplifier Controller
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
   10W 10W Stereo Class-D Amplifier
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
   15W 15W Stereo Class-D Amplifier
logo
Infineon Technologies A...
MA5332MS INFINEON-MA5332MS Datasheet
3Mb / 60P
   200W Stereo, Integrated Class D Amplifier
V 2.0 9/24/2021
logo
Microsemi Corporation
LX1721 MICROSEMI-LX1721_04 Datasheet
383Kb / 14P
   Class-D Stereo Power Amplifier Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com