Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI2414 Fiches technique(PDF) 1 Page - Silicon Laboratories

No de pièce SI2414
Description  V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2414 Fiches technique(HTML) 1 Page - Silicon Laboratories

  SI2414 Datasheet HTML 1Page - Silicon Laboratories SI2414 Datasheet HTML 2Page - Silicon Laboratories SI2414 Datasheet HTML 3Page - Silicon Laboratories SI2414 Datasheet HTML 4Page - Silicon Laboratories SI2414 Datasheet HTML 5Page - Silicon Laboratories SI2414 Datasheet HTML 6Page - Silicon Laboratories SI2414 Datasheet HTML 7Page - Silicon Laboratories SI2414 Datasheet HTML 8Page - Silicon Laboratories SI2414 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
Rev. 0.9 9/02
Copyright © 2002 by Silicon Laboratories
Si2456/Si2433/Si2414-DS09
Patents pending
Ordering Information
This data sheet is valid only for
those chipset combinations listed
on page 81.
Pin Assignments
1
2
3
4
5
6
7
8
17
18
19
20
21
24
23
22
CLKIN/XTALI
XTALO
CLKOUT/A0
D6
VD3.3
GND
VDA
RTS/D7
RXD/RD
TXD/WR
CTS/CS
RESET
D5
DCD/D4
ESC/D3
C1A
ISOB
VD3.3
GND
VDB
D2
RI/D1
INT/D0
AOUT/INT
9
10
11
12
13
14
15
16
Si2456/33/14
1
2
3
4
5
6
7
8
9
10
11
12
13
16
15
14
QE2
DCT
IGND
C1B
RNG1
RNG2
QB
QE
FILT2
FILT
RX
REXT
REXT2
REF
VREG2
VREG
Si3015
Si2456/Si2433/Si2414
V.90, V.34, V.32BIS ISOMODEMWITH INTEGRATED GLOBAL DAA
Features
Applications
Description
The Si2456 is a complete, ITU-V.90-compliant, 56 kbps modem chipset
with integrated direct access arrangement (DAA) that provides a
programmable line interface to meet global telephone line requirements
with a single design. Available in two small packages, it eliminates the
need for a separate DSP data pump, external RAM and ROM, modem
controller, analog front end (AFE), isolation transformer, relays, opto-
isolators, and 2- to 4-wire hybrid. The ISOmodem™ is ideal for embedded
modem applications due to its small board space, low power
consumption, and global compliance. The Si2433 and Si2414 products
offer all the same features as the Si2456 with connect rates of up to
33.6 kbps and 14.4 kbps, respectively.
Functional Block Diagram
Data modem formats
ITU-T, Bell
300 bps up to 56 kbps
V.42, V.42bis, MNP2-5
Automatic rate negotiation
Caller ID decode
3.3 V power
No external ROM or RAM required
UART with flow control
AT command set support
Integrated DAA
Capacitive isolation
Parallel phone detect
Globally-compliant line interface
Overcurrent detection
Fast connect
Parallel interface
Call progress support
Firmware upgradeable
Set-top boxes
Email terminals
Point-of-sale terminals
PVRs
Security systems
Remote monitoring
Serial
Interface
Parallel
Interface
Microcontroller
DSP
DAA
Interface
RAM
PLL
Clocking
CLKIN/XTALI
XTALO
CLKOUT
RXD
TXD
CTS
RTS
DCD
ESC
RI
INT
RESET
C1A
To Phone
Line
AOUT
Data Bus
CS
WR
RD
A0
D0-D7
ISOB


Numéro de pièce similaire - SI2414

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI2414 ETC2-SI2414 Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM CHIPSET WITH INTEGRATED GLOBAL DAA
More results

Description similaire - SI2414

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI2433-FT ETC2-SI2433-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM CHIPSET WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
logo
Silicon Laboratories
SI2456-FT SILABS-SI2456-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
logo
List of Unclassifed Man...
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2494 SILABS-SI2494 Datasheet
449Kb / 70P
   V.92 AND V.34 ISOMODEM WITH GLOBAL DAA
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2494 SKYWORKS-SI2494 Datasheet
1Mb / 70P
   V.92 AND V.34 ISOMODEM® WITH GLOBAL DAA
Rev. 1.0
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com