Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC5940RHBG4 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TLC5940RHBG4
Description  16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLC5940RHBG4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TLC5940RHBG4 Datasheet HTML 3Page - Texas Instruments TLC5940RHBG4 Datasheet HTML 4Page - Texas Instruments TLC5940RHBG4 Datasheet HTML 5Page - Texas Instruments TLC5940RHBG4 Datasheet HTML 6Page - Texas Instruments TLC5940RHBG4 Datasheet HTML 7Page - Texas Instruments TLC5940RHBG4 Datasheet HTML 8Page - Texas Instruments TLC5940RHBG4 Datasheet HTML 9Page - Texas Instruments TLC5940RHBG4 Datasheet HTML 10Page - Texas Instruments TLC5940RHBG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.ti.com
TLC5940
SLVS515A – DECEMBER 2004 – REVISED AUGUST 2005
DEVICE INFORMATION (continued)
TERMINAL FUNCTION
TERMINAL
NO.
I/O
DESCRIPTION
NAME
DIP
PWP
RHB
Blank all outputs. When BLANK = H, all OUTn outputs are forced OFF. GS counter is also
BLANK
23
2
31
I
reset. When BLANK = L, OUTn are controlled by grayscale PWM control.
Switch DC data input. When DCPRG = L, DC is connected to EEPROM. When DCPRG = H,
DCPRG
19
26
25
I
DC is connected to the DC register.
DCPRG is also controls EEPROM writing, when VPRG = V(PRG)
GND
22
1
30
G
Ground
GSCLK
18
25
24
I
Reference clock for grayscale PWM control
IREF
20
27
26
I
Reference current terminal
12, 13,
NC
No connection
28, 29
OUT0
28
7
4
O
Constant current output
OUT1
1
8
5
O
Constant current output
OUT2
2
9
6
O
Constant current output
OUT3
3
10
7
O
Constant current output
OUT4
4
11
8
O
Constant current output
OUT5
5
12
9
O
Constant current output
OUT6
6
13
10
O
Constant current output
OUT7
7
14
11
O
Constant current output
OUT8
8
15
14
O
Constant current output
OUT9
9
16
15
O
Constant current output
OUT10
10
17
16
O
Constant current output
OUT11
11
18
17
O
Constant current output
OUT12
12
19
18
O
Constant current output
OUT13
13
20
19
O
Constant current output
OUT14
14
21
20
O
Constant current output
OUT15
15
22
21
O
Constant current output
SCLK
25
4
1
I
Serial data shift clock
SIN
26
5
2
I
Serial data input
SOUT
17
24
23
O
Serial data output
VCC
21
28
27
I
Power supply voltage
Multifunction input pin. When VPRG = GND, the device is in GS mode. When VPRG = VCC, the
VPRG
27
6
3
I
device is in DC mode. When VPRG = V(PRG), DC register data can programmed into DC
EEPROM with DCPRG=HIGH.
XERR
16
23
22
O
Error output. XERR is an open-drain terminal. XERR goes L when LOD or TEF is detected.
Data latch. Note that the internal connections are switched by VPRG. At XLAT
↑ (VPRG =
XLAT
24
3
32
I
GND), GS register gets new data. At XLAT
↑ (VPRG = V
CC), DC register gets new data.
7


Numéro de pièce similaire - TLC5940RHBG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5940RHBR TI1-TLC5940RHBR Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel LED Driver
TLC5940RHBRG4 TI1-TLC5940RHBRG4 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel LED Driver
More results

Description similaire - TLC5940RHBG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI1-TLC5945_16 Datasheet
1Mb / 30P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401 TI-TLC59401 Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941-Q1 TI-TLC5941-Q1 Datasheet
827Kb / 27P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI-TLC5945 Datasheet
999Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com