Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC5940NTG4 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TLC5940NTG4
Description  16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLC5940NTG4 Fiches technique(HTML) 3 Page - Texas Instruments

  TLC5940NTG4 Datasheet HTML 1Page - Texas Instruments TLC5940NTG4 Datasheet HTML 2Page - Texas Instruments TLC5940NTG4 Datasheet HTML 3Page - Texas Instruments TLC5940NTG4 Datasheet HTML 4Page - Texas Instruments TLC5940NTG4 Datasheet HTML 5Page - Texas Instruments TLC5940NTG4 Datasheet HTML 6Page - Texas Instruments TLC5940NTG4 Datasheet HTML 7Page - Texas Instruments TLC5940NTG4 Datasheet HTML 8Page - Texas Instruments TLC5940NTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
DISSIPATION RATINGS
TLC5940
SLVS515A – DECEMBER 2004 – REVISED AUGUST 2005
MIN
NOM
MAX
UNIT
DC CHARACTERISTICS
VCC
Supply Voltage
3
5.5
V
VO
Voltage applied to output (OUT0–OUT15)
17
V
VIH
High-level input voltage
0.8 VCC
VCC
V
VIL
Low-level input voltage
GND
0.2 VCC
V
IOH
High-level output current
VCC = 5 V at SOUT
–1
mA
IOL
Low-level output current
VCC = 5 V at SOUT, XERR
1
mA
OUT0 to OUT15, VCC < 3.6 V
60
mA
IOLC
Constant output current
OUT0 to OUT15, VCC > 3.6 V
120
mA
V(PRG)
EEPROM program voltage
20
22
23
V
TA
Operating free-air temperature range
-40
85
°C
AC CHARACTERISTICS VCC = 3 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
f(SCLK)
Data shift clock frequency
SCLK
30
MHz
f(GSCLK)
Grayscale clock frequency
GSCLK
30
MHz
twh0/twl0
SCLK pulse duration
SCLK = H/L (see Figure 8)
16
ns
twh1/twl1
GSCLK pulse duration
GSCLK = H/L (see Figure 13)
16
ns
twh2
XLAT pulse duration
XLAT = H (see Figure 11)
20
ns
twh3
BLANK pulse duration
BLANK = H (see Figure 13)
20
ns
tsu0
SIN–SCLK (see Figure 11)
10
ns
tsu1
SCLK–XLAT (see Figure 11)
10
ns
tsu2
VPRG–SCLK (see Figure 6)
10
ns
Setup time
tsu3
VPRG–XLAT (see Figure 6)
10
ns
tsu4
BLANK–GSCLK (see Figure 13)
10
ns
tsu5
VPRG–DCPRG
1
ms
th0
SCLK–SIN (see Figure 11)
10
ns
th1
XLA–SCLK (see Figure 11)
10
ns
th2
SCLK–VPRG (see Figure 6)
10
ns
Hold Time
th3
XLAT–VPRG (see Figure 6)
10
ns
th4
BLANK–GSCLK (see Figure 13)
10
ns
th5
DCPRG–VPRG
1
ms
tprog
Programming time for EEPROM
20
ms
POWER RATING
DERATING FACTOR
POWER RATING
POWER RATING
PACKAGE
TA < 25°C
ABOVE TA = 25°C
TA = 70°C
TA = 85°C
28-pin HTSSOP with
3958 mW
31.67 mW/
°C
2533 mW
2058 mW
PowerPAD™(1)soldered
28-pin HTSSOP with PowerPAD™ un-
2026 mW
16.21 mW/
°C
1296 mW
1053 mW
soldered
32-pin QFN(1)
3482 mW
27.86 mW/
°C
2228 mW
1811 mW
28-pin PDIP
2456 mW
19.65 mW/
°C
1572 mW
1277 mW
(1)
The PowerPAD is soldered to the PCB with a 2 oz. copper trace. See SLMA002 for further information.
3


Numéro de pièce similaire - TLC5940NTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401 TI-TLC59401 Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401PWP TI-TLC59401PWP Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401PWPR TI-TLC59401PWPR Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401RHB TI-TLC59401RHB Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results

Description similaire - TLC5940NTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI1-TLC5945_16 Datasheet
1Mb / 30P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401 TI-TLC59401 Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941-Q1 TI-TLC5941-Q1 Datasheet
827Kb / 27P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI-TLC5945 Datasheet
999Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com