Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC5940PWPRG4 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC5940PWPRG4
Description  16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLC5940PWPRG4 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TLC5940PWPRG4 Datasheet HTML 4Page - Texas Instruments TLC5940PWPRG4 Datasheet HTML 5Page - Texas Instruments TLC5940PWPRG4 Datasheet HTML 6Page - Texas Instruments TLC5940PWPRG4 Datasheet HTML 7Page - Texas Instruments TLC5940PWPRG4 Datasheet HTML 8Page - Texas Instruments TLC5940PWPRG4 Datasheet HTML 9Page - Texas Instruments TLC5940PWPRG4 Datasheet HTML 10Page - Texas Instruments TLC5940PWPRG4 Datasheet HTML 11Page - Texas Instruments TLC5940PWPRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
PIN EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
VCC
INPUT
GND
400 W
INPUT EQUIVALENT CIRCUIT
(BLANK, XLAT, SCLK, SIN, GSCLK, DCPRG)
23 W
23 W
SOUT
GND
OUTPUT EQUIVALENT CIRCUIT (SOUT)
_
+
Amp
400 W
100 W
VCC
INPUT
GND
INPUT EQUIVALENT CIRCUIT (IREF)
XERR
GND
OUTPUT EQUIVALENT CIRCUIT (XERR)
23 W
INPUT
INPUT
GND
GND
INPUT EQUIVALENT CIRCUIT (VCC)
INPUT EQUIVALENT CIRCUIT (VPRG)
OUT
GND
OUTPUT EQUIVALENT CIRCUIT (OUT)
TLC5940
SLVS515A – DECEMBER 2004 – REVISED AUGUST 2005
Resistor values are equivalent resistances, and they are not tested.
Figure 1. Input and Output Equivalent Circuits
8


Numéro de pièce similaire - TLC5940PWPRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5940PWPRG4 TI1-TLC5940PWPRG4 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel LED Driver
More results

Description similaire - TLC5940PWPRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI1-TLC5945_16 Datasheet
1Mb / 30P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401 TI-TLC59401 Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941-Q1 TI-TLC5941-Q1 Datasheet
827Kb / 27P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI-TLC5945 Datasheet
999Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com