Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD3870-2.8V Fiches technique(PDF) 6 Page - Unisonic Technologies

No de pièce LD3870-2.8V
Description  LINEAR INTEGRATED CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD3870-2.8V Fiches technique(HTML) 6 Page - Unisonic Technologies

  LD3870-2.8V Datasheet HTML 1Page - Unisonic Technologies LD3870-2.8V Datasheet HTML 2Page - Unisonic Technologies LD3870-2.8V Datasheet HTML 3Page - Unisonic Technologies LD3870-2.8V Datasheet HTML 4Page - Unisonic Technologies LD3870-2.8V Datasheet HTML 5Page - Unisonic Technologies LD3870-2.8V Datasheet HTML 6Page - Unisonic Technologies LD3870-2.8V Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
UTC LD3870
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 6
QW-R102-027,B
200
300
0
10p
1p
150
1000p
100p
250
0.01u
Noise Bypass Capacitor, Cp (F)
LD3870-3.0V
Output Noise Voltage vs.Noise Bypass Capacitor
100
50
0.1u
60
100
0
0.01
0.001
1
0.1
80
10
Output Current, Io (mA)
LD3870-3.0V
Output Noise Voltage vs.Noise Output Current
40
20
100
70
80
30
100
10
60
1K
10K
Frequency, f (Hz)
LD3870-3.0V
Ripple Rejection vs.Frequency
50
40
100K
70
80
30
0.01
0.001
60
0.1
1
Output Current, Io (mA)
LD3870-3.0V
Ripple Rejection vs.Output Current
50
40
10
100
10
100
10µ
10
1
100µ
Output Current, Io (mA)
LD3870-3.0V
Equivalent Serise Resistance vs.Output Current
0.1
0.02
1m
10m
CL=1μF(Ceramic)
CL=4.7μF(Ceramic)
@:Ta=25℃
VIN=4V
Io=10mA
CL=2.2μF(Ceramic)
CL=1μ F(Ceramic)
@:Ta=25℃
VIN=4V
Cp=0.01 μF
@:Ta=25℃
VIN=4V
CL=1μ F(Ceramic)
Cp=0.01μ F
Oscillation Free
100m
Io=30mA
Io=0mA
Io=10mA
@:Ta=25℃
VIN=4V
ein=200mVrms
CL=1 μF
Cp=0.01μF
f=10KHz
f=1KHz
@:Ta=25℃
VIN=5V
ein=200mVrms
CL=1 μF
Cp=0.01μF


Numéro de pièce similaire - LD3870-2.8V

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
LD3870 UTC-LD3870 Datasheet
204Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LD3870 ETL-LD3870 Datasheet
210Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LD3870 UTC-LD3870 Datasheet
239Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
LD3870G-15-AF5-R UTC-LD3870G-15-AF5-R Datasheet
239Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
LD3870G-18-AF5-R UTC-LD3870G-18-AF5-R Datasheet
239Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Description similaire - LD3870-2.8V

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com