Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7MET139AFK Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TC7MET139AFK
Description  TOSHIBA CMOS Didital Integrated Circuit Silicon Monolithic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MET139AFK Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TC7MET139AFK Datasheet HTML 1Page - Toshiba Semiconductor TC7MET139AFK Datasheet HTML 2Page - Toshiba Semiconductor TC7MET139AFK Datasheet HTML 3Page - Toshiba Semiconductor TC7MET139AFK Datasheet HTML 4Page - Toshiba Semiconductor TC7MET139AFK Datasheet HTML 5Page - Toshiba Semiconductor TC7MET139AFK Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TC7MET139AFK
2001-09-12
3
System Diagram
Maximum Ratings
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
-0.5~7.0
V
DC input voltage
VIN
-0.5~7.0
V
-0.5~7.0
(Note1)
DC output voltage
VOUT
-0.5~VCC + 0.5
(Note2)
V
Input diode current
IIK
-20
mA
Output diode current
IOK
±20
(Note3)
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
180
mW
Storage temperature
Tstg
-65~150
°C
Note1: VCC = 0 V
Note2: High or low state. IOUT absolute maximum rating must be observed.
Note3: VOUT < GND, VOUT > VCC
Recommended Operating Conditions
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
4.5~5.5
V
Input voltage
VIN
0~5.5
V
0~5.5
(Note4)
Output voltage
VOUT
0~VCC
(Note5)
V
Operating temperature
Topr
-40~85
°C
Input rise and fall time
dt/dv
0~20
ns/V
Note4: VCC
= 0 V
Note5: High or low state.
2/14
3/13
B
G
A
1/15
4/12
5/11
6/10
7/9
2
Y
3
Y
1
Y
0
Y


Numéro de pièce similaire - TC7MET139AFK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MET139AFK TOSHIBA-TC7MET139AFK Datasheet
181Kb / 6P
   Dual 2-to-4 Line Decoder
TC7MET139AFK TOSHIBA-TC7MET139AFK_07 Datasheet
181Kb / 6P
   Dual 2-to-4 Line Decoder
More results

Description similaire - TC7MET139AFK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC78B002FNG TOSHIBA-TC78B002FNG Datasheet
945Kb / 27P
   TOSHIBA CMOS Integrated Circuit Silicon Monolithic
2013-10-17
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com