Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS2911N25 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce GS2911N25
Description  300mA CMOS Positive LDO Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

GS2911N25 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GS2911N25 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS2911N25 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS2911N25 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS2911N25 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS2911N25 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS2911N25 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS2911N25 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS2911N25 Datasheet HTML 9Page - List of Unclassifed Manufacturers GS2911N25 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
GS2911
Globaltech Semiconductor
www.globaltechsemi.com
6
GS2911
Output Voltage vs. Input Voltage
GS2911 (3.3V)
GS2911 (5V)
Input/Output Voltage Differential vs. Output Current
GS2911 (3.3V)
GS2911 (5V)
0 20 40 60 80 100120140160180
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
Topr=25℃
85℃
-40℃
CIN=1μ F(Tantal um), CL=1μ F(Tantal um)
OUTPUTCURRENT: IOUT (mA)
0 20 40 60 80 100 120 140 160 180
-0. 2
0. 0
0. 2
0. 4
0. 6
0. 8
1. 0
CIN=1
μ F(Tantalum), CL=1μ F(Tantalum)
OUTPUT CURRENT : IOUT (mA)
Topr =25℃
80℃
-30℃
10mA
40mA
IOUT=1mA
2. 8
3. 3
3. 8
Input Voltage VIN(V)
2. 5
2. 7
2. 9
3. 1
3. 3
3. 5
Topr=25
CIN=1
μ F(Tantalum), CL=1μ F(Tantalum)
10mA
40mA
IOUT=1mA
5.2
5.0
4.8
4.6
4.4
4.2
4.5
5.0
5.5
Topr=25℃
CIN=1μ F(Tantal um), CL=1μ F(Tantal um)
INPUTVOLTAGE: VIN(V)
10mA
40mA
IOUT=1mA
56
789
10
4.85
4.90
4.95
5.00
5.05
5.10
INPUT VOLTAGE:VIN(V)
Topr=25
CIN=1
μ F(Tantalum), CL=1μ F(Tantalum)
40mA
IOUT=1mA,10mA
34
56
789
10
3. 15
3. 20
3. 25
3. 30
3. 35
3. 40
Input Voltage VIN (V)
Topr=25
CIN=1
μ F(Tantalum), CL=1μ F(Tantalum)


Numéro de pièce similaire - GS2911N25

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X15 ETC1-GS2905X15 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X18 ETC1-GS2905X18 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X25 ETC1-GS2905X25 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X33 ETC1-GS2905X33 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
More results

Description similaire - GS2911N25

FabricantNo de pièceFiches techniqueDescription
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM88 ELM-TECH-ELM88 Datasheet
2Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM89121BC-S ELM-TECH-ELM89121BC-S_1 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com