Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS2911Y18 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce GS2911Y18
Description  300mA CMOS Positive LDO Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

GS2911Y18 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  GS2911Y18 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS2911Y18 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS2911Y18 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS2911Y18 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS2911Y18 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS2911Y18 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS2911Y18 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS2911Y18 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS2911Y18 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
GS2911
Globaltech Semiconductor
www.globaltechsemi.com
3
GS2911
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Input Voltage
VIN
12V
Output Current
IOUT
500 mA
Output Voltage
VOUT
Vss-0.3 to VIN+0.3
Continuous Total Power Dissipation
TO-92
SOT-89
PD
500 mW
550 mW
Operating Ambient Temperature
Topr
0℃ to 80℃
Storage temperature Range
Tstg
-40℃ to 125℃
Lead Temperature (10 sec)
TLEAD
260℃
Electrical Characteristics V
OUT(T) =2.0 (Note 1)
Parameter
Symbol
Conditions
Min
Typ.
Max
Unit
Output voltages
VOUT (E)
(Note 2)
IOUT = 40mA
VIN = 3.0V
1.960
2.000
2.040
V
Maximum output current
IOUT max
VIN = 3.0V
VOUT(E) ≧ 1.8V
100
mA
Load stability
VOUT
VIN = 3.0V
1mA ≦IOUT ≦60mA
45
90
mV
Vdif
IOUT=60mA
180
360
mV
Input-Output
Voltage differential (Note 3)
IOUT=120mA
400
700
mV
Supply current
ISS
VIN = 3.0V
1.0
100
µA
Line regulation
VOUT
VIN * △VOUT
IOUT = 40mA
3.0V≦VIN≦10.0V
0.2
0.3
%/V
Input voltage
VIN
10
V
Output voltage
Temperature characteristics
VOUT
Topr * △VOUT
IOUT = 40mA
-40℃≦Topr≦85℃
±
100
ppm/℃


Numéro de pièce similaire - GS2911Y18

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X15 ETC1-GS2905X15 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X18 ETC1-GS2905X18 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X25 ETC1-GS2905X25 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X33 ETC1-GS2905X33 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
More results

Description similaire - GS2911Y18

FabricantNo de pièceFiches techniqueDescription
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM88 ELM-TECH-ELM88 Datasheet
2Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM89121BC-S ELM-TECH-ELM89121BC-S_1 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com