Moteur de recherche de fiches techniques de composants électroniques |
|
CD214C-T170ALF Fiches technique(PDF) 4 Page - Bourns Electronic Solutions |
|
CD214C-T170ALF Fiches technique(HTML) 4 Page - Bourns Electronic Solutions |
4 / 5 page Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. CD214A Transient Voltage Suppressor Diode Series Rating and Characteristic Curves Pulse Derating Curve Maximum Non-Repetitive Surge Current 100 75 50 25 0 050 25 75 100 150 125 175 200 Ambient Temperature (°C) 10 x 1000 Waveform as Defined by R.E.A. 60 40 50 30 20 10 0 1 2 5 10 20 50 100 Number of Cycles at 60 Hz Pulse Width 8.3 ms Single Half Sine-Wave (JEDEC Method) Pulse Waveform Typical Junction Capacitance 100 50 0 01.0 2.0 3.0 4.0 T, Time (ms) TA=25 °C TP TR=10 µs Half value= IRSM 2 Peak value (IRSM) Pulse width (TP) is defined as that point where the peak current decays to 50 % of IPSM. 10 x 1000 waveform as defined by R.E.A. 10000 100 0 0 10 100 1000 Standoff Voltage (Volts) 1000 Bidirectional TA = 25 °C Unidirectional Pulse Rating Curve Steady State Power Derating Curve 100 10 1.0 0.1 0.1 µs 1.0 µs 10 µs 10 ms TP, Pulse Width 100 µs 1.0 ms 5.0 mm Lead Areas TA = 25 °C Non-repetitive Pulse Waveform Shown in Pulse Waveform Graph 1.0 0.6 0.8 0.4 0.2 0.0 050 25 75 100 150 125 175 200 TL, Lead Temperature (°C) 60 Hz Resistive or Inductive Load |
Numéro de pièce similaire - CD214C-T170ALF |
|
Description similaire - CD214C-T170ALF |