Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES29DS640ET-90RTG Fiches technique(PDF) 1 Page - Excel Semiconductor Inc.

No de pièce ES29DS640ET-90RTG
Description  8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXCELSEMI [Excel Semiconductor Inc.]
Site Internet  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29DS640ET-90RTG Fiches technique(HTML) 1 Page - Excel Semiconductor Inc.

  ES29DS640ET-90RTG Datasheet HTML 1Page - Excel Semiconductor Inc. ES29DS640ET-90RTG Datasheet HTML 2Page - Excel Semiconductor Inc. ES29DS640ET-90RTG Datasheet HTML 3Page - Excel Semiconductor Inc. ES29DS640ET-90RTG Datasheet HTML 4Page - Excel Semiconductor Inc. ES29DS640ET-90RTG Datasheet HTML 5Page - Excel Semiconductor Inc. ES29DS640ET-90RTG Datasheet HTML 6Page - Excel Semiconductor Inc. ES29DS640ET-90RTG Datasheet HTML 7Page - Excel Semiconductor Inc. ES29DS640ET-90RTG Datasheet HTML 8Page - Excel Semiconductor Inc. ES29DS640ET-90RTG Datasheet HTML 9Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
ES I
ES I
1
Rev. 1D January 5, 2006
ES29LV800D
Excel Semiconductor inc.
ES29LV800D
8Mbit(1M x 8/512K x 16)
CMOS 3.0 Volt-only, Boot Sector Flash Memory
GENERAL FEATURES
• Single power supply operation
- 2.7V -3.6V for read, program and erase operations
•Sector Structure
- 16Kbyte x 1, 8Kbyte x 2, 32Kbyte x 1 boot sectors
- 64Kbyte x 15sectors
• Top or Bottom boot block
- ES29LV800DT for Top boot block device
- ES29LV800DB for Bottom boot block device
• Package Options
- 48-pin TSOP
- 48-ball FBGA ( 6 x 8 mm )
- Pb-free packages
- All Pb-free products are RoHS-Compliant
• Low Vcc write inhibit
• Manufactured on 0.18um process technology
• Compatible with JEDEC standards
- Pinout and software compatible with single-power
supply flash standard
DEVICE PERFORMANCE
• Read access time
- 70ns / 90ns / 120ns
• Program and erase time
- Program time : 6us/byte, 8us/word ( typical )
- Sector erase time : 0.7sec/sector ( typical )
• Power consumption (typical values)
- 200nA in standby or automatic sleep mode
- 7mA active read current at 5 MHz
- 15mA active write current during program or erase
• Minimum 100,000 program/erase cycles per sector
• 20 Year data retention at 125oC
SOFTWARE FEATURES
• Erase Suspend / Erase Resume
• Data# poll and toggle for Program/erase status
• Unlock Bypass program
• Autoselect mode
• Auto-sleep mode after tACC + 30ns
HARDWARE FEATURES
• Hardware reset input pin ( RESET#)
- Provides a hardware reset to device
- Any internal device operation is terminated and the
device returns to read mode by the reset
• Ready/Busy# output pin ( RY/BY#)
- Provides a program or erase operational status
about whether it is finished for read or still being
progressed
• Sector protection / unprotection ( RESET# , A9 )
- Hardware method of locking a sector to prevent
any program or erase operation within that sector
- Two methods are provided :
- In-system method by RESET# pin
- A9 high-voltage method for PROM programmers
• Temporary Sector Unprotection ( RESET# )
- Allows temporary unprotection of previously
protected sectors to change data in-system


Numéro de pièce similaire - ES29DS640ET-90RTG

FabricantNo de pièceFiches techniqueDescription
logo
Excel Semiconductor Inc...
ES29DS640ET-90RTG EXCELSEMI-ES29DS640ET-90RTG Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29DS640ET-90RTGI EXCELSEMI-ES29DS640ET-90RTGI Datasheet
679Kb / 51P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Description similaire - ES29DS640ET-90RTG

FabricantNo de pièceFiches techniqueDescription
logo
Excel Semiconductor Inc...
ES29LV800E EXCELSEMI-ES29LV800E Datasheet
678Kb / 50P
   8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800A AMICC-A29L800A Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160E EXCELSEMI-ES29LV160E Datasheet
700Kb / 53P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160D EXCELSEMI-ES29LV160D Datasheet
707Kb / 54P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008A AMICC-A29L008A Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com