Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

G1085 Fiches technique(PDF) 4 Page - Global Mixed-mode Technology Inc

No de pièce G1085
Description  3A Adjustable Low-Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GMT [Global Mixed-mode Technology Inc]
Site Internet  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1085 Fiches technique(HTML) 4 Page - Global Mixed-mode Technology Inc

  G1085 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1085 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1085 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1085 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1085 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1085 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1085 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1085 Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Ver: 1.2
Sep 20, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G1085
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
(VIN-VOUT=3V, VOUT=1.25V, CIN=100µF, COUT =100µF, TA=25°C, unless otherwise noted.)
0
10
20
30
40
50
60
70
10
100
1000
10000
100000
1000000
Frequency(Hz)
IL=100mA
1.225
1.235
1.245
1.255
1.265
1.275
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
VIN (V)
Line Transient Response
Load Transient Response
Output Noise
Short Circuit-Current
Ripple Rejection
Line Regulation
IL=10mA
T=25°C
T=25°C
T=75°C
100mA
(VIN-VOUT)>Vdropout
Vripple<0.5 VP-P
COUT=220µF
3A
2A
1A


Numéro de pièce similaire - G1085

FabricantNo de pièceFiches techniqueDescription
logo
Global Mixed-mode Techn...
G1085-15T33T GMT-G1085-15T33T Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
G1085-15T53U GMT-G1085-15T53U Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
G1085-18T33T GMT-G1085-18T33T Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
G1085-18T53U GMT-G1085-18T53U Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
G1085-25T33T GMT-G1085-25T33T Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
More results

Description similaire - G1085

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Avic Technology
AV1085 AVICTEK-AV1085 Datasheet
108Kb / 7P
   3A Adjustable Low Dropout Linear Regulator (LDO)
logo
Unisonic Technologies
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085_12 Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_16 Datasheet
234Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
NIKO SEMICONDUCTOR CO.,...
L1085XG NIKOSEM-L1085XG Datasheet
137Kb / 8P
   3A Adjustable Low Dropout Linear Regulator (LDO)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com