Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD01060A Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce CSD01060A
Description  ZERO RECOVERY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

CSD01060A Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  CSD01060A Datasheet HTML 1Page - List of Unclassifed Manufacturers CSD01060A Datasheet HTML 2Page - List of Unclassifed Manufacturers CSD01060A Datasheet HTML 3Page - List of Unclassifed Manufacturers CSD01060A Datasheet HTML 4Page - List of Unclassifed Manufacturers CSD01060A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PRELIMINARY
CSD01060
Page 5 • CSD01060, Rev -
®
P O W E R
Part Number
Package
Marking
CSD01060A
TO-220-2
SD01060
CSD01060E
TO-252-2
SD01060
Cree, Inc.
Power Products
4600 Silicon Drive
Durham, NC 27703 • USA
tel: 919-313-5300
fax: 919-313-5451
www.cree.com
Copyright © 2001 Cree, Inc. All rights reserved.
Permission is given to reproduce this document
provided the entire document (including this
copyright notice) is duplicated.
The information in this document is subject to
change without notice.
Cree and the Cree logo are trademarks of Cree,
Inc.


Numéro de pièce similaire - CSD01060A

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CSD01060A CREE-CSD01060A Datasheet
291Kb / 2P
   Z-RecTM Rectifiers and Zero-Recovery짰 Rectifiers
CSD01060A CREE-CSD01060A Datasheet
627Kb / 6P
   Silicon Carbide Schottky Diode
CSD01060A CREE-CSD01060A Datasheet
627Kb / 6P
   Silicon Carbide Schottky Diode
logo
WOLFSPEED, INC.
CSD01060A WOLFSPEED-CSD01060A Datasheet
1Mb / 9P
   600 V, 1 A Silicon Carbide Schottky Diode
Rev. 18, March 2023
More results

Description similaire - CSD01060A

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CSD10120 ETC-CSD10120 Datasheet
131Kb / 4P
   ZERO RECOVERY RECTIFIER
CSD05120 ETC-CSD05120 Datasheet
145Kb / 4P
   ZERO RECOVERY RECTIFIER
CSD04060 ETC-CSD04060 Datasheet
203Kb / 5P
   ZERO RECOVERY RECTIFIER
CSD06060 ETC-CSD06060 Datasheet
207Kb / 5P
   ZERO RECOVERY RECTIFIER
CSD10060 ETC-CSD10060 Datasheet
207Kb / 5P
   ZERO RECOVERY RECTIFIER
CSD20060 ETC-CSD20060 Datasheet
168Kb / 4P
   ZERO RECOVERY RECTIFIER
logo
Cree, Inc
CSD10030 CREE-CSD10030 Datasheet
253Kb / 5P
   ZERO RECOVERY RECTIFIER
logo
List of Unclassifed Man...
CSD20030 ETC1-CSD20030 Datasheet
224Kb / 4P
   ZERO RECOVERY RECTIFIER
logo
Cree, Inc
CSD20030 CREE-CSD20030 Datasheet
239Kb / 4P
   ZERO RECOVERY RECTIFIER
C2D10120D CREE-C2D10120D Datasheet
566Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com