Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


ABA-32563 Datasheet(Fiches technique) 2 Page - Agilent(Hewlett-Packard)

Numéro de pièce ABA-32563
Description  2.5 GHz Broadband Silicon RFIC Amplifier
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo 

   
 2 page
background image
2
ABA-32563 Absolute Maximum Ratings[1]
Symbol
Parameter
Units
Absolute Max.
V
cc
Device Voltage, RF output to ground (T = 25
°C)
V
6
P
in
CW RF Input Power (Vcc = 3V)
dBm
15
Pdiss
Total Power Dissipation[3]
W
0.6
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Notes:
1. Operation of this device in excess of any of
these limits may cause permanent damage.
2. Thermal resistance measured using 150
°C
Liquid Crystal Measurement Technique.
3. Board (package belly) temperature, Tc, is
25
°C. Derate 8.1 mW/°C for Tc> 120.8°C.
Electrical Specifications
T
c = +25°C, Zo = 50 Ω, Pin = -30 dBm, Vcc = 3V, Freq = 2 GHz, unless stated otherwise.
Symbol
Parameter and Test Condition
Units
Min.
Typ.
Max.
Std Dev.
Gp[1]
Power Gain (|S
21|
2)
dB
17.5
19.0
∆Gp
Power Gain Flatness,
f = 0.1 ~ 1.5 GHz
dB
1.0
f = 0.1 ~ 2.5 GHz
3.0
NF[1]
Noise Figure
dB
3.5
4.4
P1dB[1]
Output Power at 1dB Gain Compression
dBm
8.4
OIP3[1]
Output Third Order Intercept Point
dBm
19.5
VSWRin
[1]
Input VSWR
<1.5
VSWR
out
[1]
Output VSWR
<1.5
Icc[1]
Device Current
mA
37
42.5
Td[1]
Group Delay
ps
140
Notes:
1. Measurements taken on 50
Ω test board shown on Figure 1. Excess circuit losses had been de-embedded from actual measurements. Standard
deviation and typical data based on at least 500 parts sample size from 2 wafer lots. Future wafers allocated to this product may have nominal values
anywhere within the upper and lower spec limits.
Figure 1. ABA-32563 Production Test Circuit.
Thermal Resistance[2] (Vcc = 3V)
θ
j-c = 124.3°C/W
RF Outp
F Input
Vcc
Cbypass
100 pF
Cbypass
1000 pF
RFC
33 nH
Cblock
1 nF
Cblock
1 nF




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
ABA-535633.5 GHz Broadband Silicon RFIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ABA-515633.5 GHz Broadband Silicon RFIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ABA-315633.5 GHz Broadband Silicon RFIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ABA-525633.5 GHz Broadband Silicon RFIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
UPC2709T2.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER 1 2 3 4 5 MoreNEC
UPC1677B1.7 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER 1 2 3 NEC
UPC16782 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER 1 2 3 4 5 MoreNEC
IVA-14208Silicon Bipolar MMIC 2.5 GHz Variable Gain Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HMC286GaAs MMIC LOW NOISE AMPLIFIER 2.3 - 2.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
WHM2535-12AE2.5 - 3.5 GHz LOW NOISE AMPLIFIER WHM2535-12AE 1 2 3 4 5 List of Unclassifed Manufacturers

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl