Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


ABA-32563 Datasheet(Fiches technique) 1 Page - Agilent(Hewlett-Packard)

Numéro de pièce ABA-32563
Description  2.5 GHz Broadband Silicon RFIC Amplifier
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo 

   
 1 page
background image
Agilent ABA-32563
2.5 GHz Broadband Silicon
RFIC Amplifier
Data Sheet
Description
Agilent’s ABA-32563 is an
economical, easy-to-use, inter-
nally 50
Ω matched, silicon
monolithic broadband amplifier
that offers excellent gain and
broadband response from DC to
2.5 GHz. Packaged in an ultra-
miniature SOT-363 package, it
requires half the board space of
a SOT-143 package.
At 2 GHz, the ABA-32563 offers
a small-signal gain of 19 dB,
output P1dB of 8.4 dBm and
19.5 dBm output third order
intercept point. It is suitable for
use as wideband applications.
They are designed for low cost
gain blocks in cellular applica-
tions, DBS tuners, LNB and other
wireless communication systems.
ABA-32563 is fabricated using
Agilent’s HP25 silicon bipolar
process, which employs a double-
diffused single polysilicon
process with self-aligned submi-
cron emitter geometry. The
process is capable of simulta-
neous high fT and high NPN
breakdown (25 GHz fT at 6V
BVCEO). The process utilizes
industry standard device oxide
isolation technologies and
submicron aluminum multilayer
interconnect to achieve superior
performance, high uniformity,
and proven reliability.
Features
• Operating Frequency DC ~ 2.5 GHz
• 19 dB Gain
• VSWR < 2.0 throughout operating
frequency
• 8.4 dBm Output P1dB
• 19.5 dBm Output IP3
• 3.5 dB Noise Figure
• Unconditionally Stable
• Single 3V Supply (Id = 37 mA)
• Lead-free
Applications
• Amplifier for Cellular, Cordless,
Special Mobile Radio, PCS, ISM,
Wireless LAN, DBS, TVRO, and TV
Tuner Applications
Surface Mount Package
SOT-363/SC70
Pin Connections and
Package Marking
Simplified Schematic
Note:
Top View. Package marking provides orientation
and identification. “x” is the date code.
Vcc
GND 3
Input
GND 2
GND 1
Output
& Vcc
Vcc
Ground 2
Ground 1
Ground 3
RF
Input
RF
Output
& Vcc
Attention:
Observe precautions for
handling electrostatic
sensitive devices.
ESD Machine Model (Class A)
ESD Human Body Model (Class 1B)
Refer to Agilent Application Note A004R:
Electrostatic Discharge Damage and Control.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
ABA-535633.5 GHz Broadband Silicon RFIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ABA-515633.5 GHz Broadband Silicon RFIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ABA-315633.5 GHz Broadband Silicon RFIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ABA-525633.5 GHz Broadband Silicon RFIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
UPC2709T2.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER 1 2 3 4 5 MoreNEC
UPC1677B1.7 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER 1 2 3 NEC
UPC16782 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER 1 2 3 4 5 MoreNEC
IVA-14208Silicon Bipolar MMIC 2.5 GHz Variable Gain Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HMC286GaAs MMIC LOW NOISE AMPLIFIER 2.3 - 2.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
WHM2535-12AE2.5 - 3.5 GHz LOW NOISE AMPLIFIER WHM2535-12AE 1 2 3 4 5 List of Unclassifed Manufacturers

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl