Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


ABA-32563 Datasheet(Fiches technique) 6 Page - Agilent(Hewlett-Packard)

Numéro de pièce ABA-32563
Description  2.5 GHz Broadband Silicon RFIC Amplifier
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo 

   
 6 page
background image
6
Device Models
Refer to Agilent’s web site
www.agilent.com/view/rf
Ordering Information
Part Number
Devices per Container
Container
ABA-32563-TR1G
3000
7" reel
ABA-32563-TR2G
10000
13" reel
ABA-32563-BLKG
100
antistatic bag
Note: Only lead-free option available.
Package Dimensions
Outline 63 (SOT-363/SC-70)
Recommended PCB Pad Layout for
Agilent's SC70 6L/SOT-363 Products
E
HE
D
e
A1
b
A
A2
Q1
L
c
DIMENSIONS (mm)
MIN.
1.15
1.80
1.80
0.80
0.80
0.00
0.10
0.15
0.10
0.10
MAX.
1.35
2.25
2.40
1.10
1.00
0.10
0.40
0.30
0.20
0.30
SYMBOL
E
D
HE
A
A2
A1
Q1
e
b
c
L
NOTES:
1. All dimensions are in mm.
2. Dimensions are inclusive of plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. All specifications comply to EIAJ SC70.
5. Die is facing up for mold and facing down for trim/form,
ie: reverse trim/form.
6. Package surface to be mirror finish.
0.650 BCS
0.026
0.079
0.018
0.039
Dimensions in inches.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
ABA-535633.5 GHz Broadband Silicon RFIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ABA-515633.5 GHz Broadband Silicon RFIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ABA-315633.5 GHz Broadband Silicon RFIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ABA-525633.5 GHz Broadband Silicon RFIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
UPC2709T2.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER 1 2 3 4 5 MoreNEC
UPC1677B1.7 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER 1 2 3 NEC
UPC16782 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER 1 2 3 4 5 MoreNEC
IVA-14208Silicon Bipolar MMIC 2.5 GHz Variable Gain Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HMC286GaAs MMIC LOW NOISE AMPLIFIER 2.3 - 2.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
WHM2535-12AE2.5 - 3.5 GHz LOW NOISE AMPLIFIER WHM2535-12AE 1 2 3 4 5 List of Unclassifed Manufacturers

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl