Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM9501B Fiches technique(PDF) 4 Page - Nippon Precision Circuits Inc

No de pièce SM9501B
Description  Radio Controlled Clock Receiver IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NPC [Nippon Precision Circuits Inc]
Site Internet  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM9501B Fiches technique(HTML) 4 Page - Nippon Precision Circuits Inc

  SM9501B Datasheet HTML 1Page - Nippon Precision Circuits Inc SM9501B Datasheet HTML 2Page - Nippon Precision Circuits Inc SM9501B Datasheet HTML 3Page - Nippon Precision Circuits Inc SM9501B Datasheet HTML 4Page - Nippon Precision Circuits Inc SM9501B Datasheet HTML 5Page - Nippon Precision Circuits Inc SM9501B Datasheet HTML 6Page - Nippon Precision Circuits Inc SM9501B Datasheet HTML 7Page - Nippon Precision Circuits Inc SM9501B Datasheet HTML 8Page - Nippon Precision Circuits Inc SM9501B Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SM9501A/B
NIPPON PRECISION CIRCUITS INC.—4
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Recommended Operating Conditions
VSS = 0V
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
−0.3 to +7.0
V
Input voltage range
VIN
−0.3 to VDD +0.3
V
Power dissipation
PD
16-pin VSOP
150
mW
Storage temperature range
Tstg
16-pin VSOP
−55 to +125
°C
Chip form
−65 to +150
°C
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
A version
2.4 to 3.6
V
B version
4.5 to 5.5
V
Operating temperature range
Topr
A version
−20 to +70
°C
B version
−40 to +85
°C


Numéro de pièce similaire - SM9501B

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM9501B NPC-SM9501B Datasheet
123Kb / 8P
   Radio Controlled Clock Receiver IC
SM9501BV NPC-SM9501BV Datasheet
123Kb / 8P
   Radio Controlled Clock Receiver IC
More results

Description similaire - SM9501B

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM9503A NPC-SM9503A Datasheet
120Kb / 9P
   Radio Controlled Clock Receiver IC
SM9501B NPC-SM9501B Datasheet
123Kb / 8P
   Radio Controlled Clock Receiver IC
logo
Gunter Seniconductor Gm...
AK2124 GSG-AK2124 Datasheet
110Kb / 6P
   Radio Controlled Clock Receiver
AK2125 GSG-AK2125 Datasheet
109Kb / 6P
   Radio Controlled Clock Receiver
AK2127 GSG-AK2127 Datasheet
104Kb / 6P
   Radio Controlled Clock Receiver
logo
TEMIC Semiconductors
U4221B TEMIC-U4221B Datasheet
169Kb / 12P
   Radio Controlled Clock Receiver
U4222B TEMIC-U4222B Datasheet
95Kb / 9P
   Radio Controlled Clock Receiver
logo
List of Unclassifed Man...
D6002 ETC1-D6002 Datasheet
121Kb / 6P
   RADIO CONTROLLED RECEIVER IC
logo
PREMO CORPORATION S.L
RCA-SMD PREMO-RCA-SMD_14 Datasheet
232Kb / 4P
   Radio Clock Receiver Antenna SMD
RCA-SMD PREMO-RCA-SMD Datasheet
232Kb / 4P
   Radio Clock Receiver Antenna SMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com