Moteur de recherche de fiches techniques de composants électroniques |
|
KBL10 Fiches technique(PDF) 2 Page - DIOTEC Electronics Corporation |
|
KBL10 Fiches technique(HTML) 2 Page - DIOTEC Electronics Corporation |
2 / 2 page RATING & CHARACTERISTIC CURVES FOR SERIES KBL00 - KBL10 Data Sheet No. BKBL-400-2C Tel.: (310) 767-1052 Fax: (310) 767-7958 DIOTEC ELECTRONICS CORP. Gardena, CA 90248 U.S.A 18020 Hobart Blvd., Unit B 3.0 1.0 0 2.0 4.0 5.0 0 50 100 150 FIGURE 1. FORWARD CURRENT DERATING CURVE Ambient Temperature, C 4 AMP SILICON BRIDGE RECTIFIERS FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT Number of Cycles at 60 Hz NOTE 1 E18 FIGURE 5. TYPICAL JUNCTION CAPACITANCE PER DIODE Reverse Voltage, (Volts) Resistive or Inductive Loads FIGURE 4. TYPICAL REVERSE CHARACTERISTICS Percent of Rated Peak Reverse Voltage NOTE 3 FIGURE 3. TYPICAL FORWARD CHARACTERISTIC PER DIODE Instantaneous Forward Voltage (Volts) 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 0.1 1.0 10 NOTE 3 NOTES (1) Bridge Mounted on 3.0" Sq. x 0.11" Thick (7.5cm Sq. x 0.15cm) Aluminum Plate (2) (3) T = 25 C; Pulse Width = 300 Sec; 1%Duty Cycle m (4) T = 25 C; f = 1 MHz; Vsig = 50mVp-p T = 150 C 60Hz NOTE 2 |
Numéro de pièce similaire - KBL10 |
|
Description similaire - KBL10 |