Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SBFP540B Fiches technique(PDF) 5 Page - Sanyo Semicon Device

No de pièce SBFP540B
Description  UHF to C Band Low Noise Amplifier, Oscillation Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP540B Fiches technique(HTML) 5 Page - Sanyo Semicon Device

  SBFP540B Datasheet HTML 1Page - Sanyo Semicon Device SBFP540B Datasheet HTML 2Page - Sanyo Semicon Device SBFP540B Datasheet HTML 3Page - Sanyo Semicon Device SBFP540B Datasheet HTML 4Page - Sanyo Semicon Device SBFP540B Datasheet HTML 5Page - Sanyo Semicon Device SBFP540B Datasheet HTML 6Page - Sanyo Semicon Device SBFP540B Datasheet HTML 7Page - Sanyo Semicon Device SBFP540B Datasheet HTML 8Page - Sanyo Semicon Device SBFP540B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SBFP540B
No.7436-5/15
S Parameters (Common emitter)
VCE=1V, IC=1mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.964
--14.7
3.684
168.7
0.022
79.6
0.996
--7.1
400
0.940
--28.8
3.623
158.6
0.040
73.5
0.974
--13.8
600
0.942
--42.8
3.422
148.2
0.060
66.0
0.948
--20.3
800
0.920
--55.7
3.276
139.0
0.077
58.0
0.914
--26.4
1000
0.892
--67.7
3.080
128.9
0.092
50.9
0.878
--31.8
1200
0.875
--80.4
2.934
120.6
0.103
43.5
0.840
--36.9
1400
0.854
--90.3
2.750
113.1
0.114
37.0
0.807
--41.4
1600
0.827
--100.0
2.566
105.9
0.121
31.2
0.776
--45.7
1800
0.799
--109.2
2.392
99.2
0.126
25.6
0.745
--49.5
2000
0.797
--118.1
2.282
93.0
0.131
20.6
0.719
--53.0
2200
0.769
--126.7
2.125
86.7
0.134
16.1
0.697
--56.4
2400
0.756
--134.2
2.000
81.5
0.134
11.7
0.676
--59.7
2600
0.736
--141.4
1.876
75.6
0.135
8.2
0.657
--62.7
2800
0.731
--148.1
1.780
70.7
0.135
4.6
0.641
--65.7
3000
0.723
--154.5
1.697
65.5
0.133
1.4
0.628
--68.7
3200
0.719
--160.9
1.605
60.5
0.131
--1.2
0.615
--71.6
3400
0.708
--166.6
1.528
56.7
0.130
--3.5
0.603
--74.5
3600
0.705
--172.3
1.472
52.3
0.127
--6.3
0.592
--77.6
3800
0.697
--176.9
1.407
47.8
0.125
--7.8
0.584
--80.5
4000
0.699
177.5
1.349
44.3
0.121
--9.9
0.575
--83.5
4200
0.693
173.0
1.308
40.2
0.118
--11.0
0.568
--86.6
4400
0.697
167.8
1.252
36.3
0.116
--11.8
0.561
--89.7
4600
0.690
162.4
1.197
32.3
0.112
--12.6
0.556
--92.8
4800
0.686
158.3
1.155
28.7
0.110
--12.7
0.550
--96.0
5000
0.683
153.9
1.122
25.2
0.107
--12.4
0.544
--99.3
5200
0.679
149.7
1.086
21.4
0.104
--12.0
0.542
--102.4
5400
0.680
145.7
1.043
18.1
0.102
--11.7
0.537
--105.7
5600
0.685
141.5
1.015
14.7
0.101
--10.4
0.534
--109.0
5800
0.678
137.0
0.984
12.1
0.100
--8.9
0.530
--112.3
6000
0.688
132.4
0.955
8.2
0.100
--7.4
0.525
--115.6


Numéro de pièce similaire - SBFP540B

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
SBFP540D SANYO-SBFP540D Datasheet
79Kb / 13P
   SBFP540D
SBFP540M SANYO-SBFP540M Datasheet
75Kb / 16P
   UHF to C Band Low Noise Amplifier, Low Phase Noise Oscillation Applications
More results

Description similaire - SBFP540B

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
SBFP420B SANYO-SBFP420B Datasheet
54Kb / 15P
   UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP420D SANYO-SBFP420D Datasheet
61Kb / 12P
   UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP540M SANYO-SBFP540M Datasheet
75Kb / 16P
   UHF to C Band Low Noise Amplifier, Low Phase Noise Oscillation Applications
logo
Toshiba Semiconductor
2SC1551 TOSHIBA-2SC1551 Datasheet
269Kb / 5P
   UHF~C Band Low Noise Amplifier Applications
logo
Sanyo Semicon Device
SBFP405B SANYO-SBFP405B Datasheet
22Kb / 2P
   UHF to C Band Low-Noise Amplifier Osc. Applications
logo
Toshiba Semiconductor
2SC3011 TOSHIBA-2SC3011 Datasheet
223Kb / 4P
   TRANSISTOR (UHF~C BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC3098 TOSHIBA-2SC3098 Datasheet
210Kb / 3P
   TRANSISTOR (UHF~C BAND LOW NOISE AMPLIFIER APPLICATIONS)
logo
Sanyo Semicon Device
2SC6024 SANYO-2SC6024 Datasheet
84Kb / 15P
   UHF to C Band Low-Noise Amplifier and OSC Applications
2SC6023-TR-E SANYO-2SC6023-TR-E Datasheet
847Kb / 15P
   UHF to C Band Low-Noise Amplifier and OSC Applications
2SC5490 SANYO-2SC5490 Datasheet
39Kb / 4P
   UHF to S Band Low-Noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com