Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC145017P Fiches technique(PDF) 2 Page - Freescale Semiconductor, Inc

No de pièce MC145017P
Description  Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145017P Fiches technique(HTML) 2 Page - Freescale Semiconductor, Inc

  MC145017P Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145017P Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145017P Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145017P Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145017P Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145017P Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145017P Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145017P Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Sensors
2
Freescale Semiconductor
MC145017
Figure 2. Block Diagram
This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields; however, it is advised that
normal precautions be taken to avoid application of any voltage higher than maximum rated voltages to this high impedance circuit. For
proper operation it is recommended that Vin and Vout be constrained to the range VSS ≤ (Vin or Vout) ≤VDD.
Table 1. Maximum Ratings(1)
(Voltages referenced to VSS)
1. Maximum Ratings are those values beyond which damage to the device may occur.
Rating
Symbol
Value
Unit
DC Supply Voltage
VDD
-0.5 to + 15
V
Input Voltage, All Inputs Except Pin 8
Vin
-0.25 to VDD +0.25
V
DC Current Drain per Input Pin, Except Pin 15 = 1 mA
I
10
mA
DC Current Drain per Output Pin
I
30
mA
Operating Temperature Range
TA
-10 to +60
°C
Storage Temperature Range
Tstg
-55 to +125
°C
Reverse Battery Time
tRB
5.0
s
Table 2. Recommended Operating Conditions
(Voltages referenced to VSS)
Parameter
Symbol
Value
Unit
Supply Voltage
VDD
9.0
V
Timing Capacitor
0.1
µF
Timing Resistor
8.2
M
Battery Load (Resistor or LED)
10
mA
3
+
-
VDD
Latch
Low Battery Comp.
Oscillator
Latch
+
-
VDD
80 K
1045 K
7
12
1
13
1125 K
+
-
15
Detect Input
14
Lo-Z
Active
Guard
16
HI-Z
VDD
4
VDD
8
Piezoelectric
Horn Driver
11
10
5
LED Driver
VDD
6
9


Numéro de pièce similaire - MC145017P

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC145017P FREESCALE-MC145017P Datasheet
267Kb / 10P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
More results

Description similaire - MC145017P

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017_07 Datasheet
267Kb / 10P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC145018 FREESCALE-MC145018 Datasheet
229Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect and Temporal Horn Driver
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Motorola, Inc
MC145018 MOTOROLA-MC145018 Datasheet
263Kb / 8P
   LONIZATION SMOKE DETECTOR IC WITH INTERCONNECT AND TEMPORAL HORN DRIVER
logo
Freescale Semiconductor...
MC145012EG FREESCALE-MC145012EG Datasheet
384Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
MC14467-1 FREESCALE-MC14467-1_07 Datasheet
256Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC
MC14468 FREESCALE-MC14468 Datasheet
182Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect
logo
Microchip Technology
RE46C114 MICROCHIP-RE46C114 Datasheet
214Kb / 6P
   Ionization Smoke Detector IC
2009
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com