Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1413AC Fiches technique(PDF) 3 Page - Stanson Technology

No de pièce ST1413AC
Description  P Channel Enhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANSON [Stanson Technology]
Site Internet  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST1413AC Fiches technique(HTML) 3 Page - Stanson Technology

  ST1413AC Datasheet HTML 1Page - Stanson Technology ST1413AC Datasheet HTML 2Page - Stanson Technology ST1413AC Datasheet HTML 3Page - Stanson Technology ST1413AC Datasheet HTML 4Page - Stanson Technology ST1413AC Datasheet HTML 5Page - Stanson Technology ST1413AC Datasheet HTML 6Page - Stanson Technology ST1413AC Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
P Channel Enhancement Mode MOSFET
ST1413AC
-3.4A
ELECTRICAL CHARACTERISTICS ( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min Typ Max Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS VGS=0V,ID=-250uA
-20
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250uA -0.4
-1.0
V
Gate Leakage Current
IGSS
VDS=0V,VGS=+/-12V
100
nA
VDS=-20V,VGS=0V
-1
Zero Gate Voltage Drain Current
IDSS
VDS=-20V,VGS=0V
TJ=55℃
-5
uA
On-State Drain Current
ID(on)
VDS≦-5V,VGS=-4.5V -6.0
A
Drain-source On-Resistance
RDS(on)
VGS=-4.5V,ID=-2.8A
VGS=-2.5V,ID=-2.0A
VGS=-1.8V,ID=-1.5A
0.110
0.130
0.170
0.130
0.150
0.190
Ω
Forward Transconductance
gfs
VDS=-5V,ID=-2.8V
6
S
Diode Forward Voltage
VSD
IS=-1.6A,VGS=0V
-0.8
-1.2
V
Dynamic
Total Gate Charge
Qg
4.8
8
Gate-Source Charge
Qgs
1.0
Gate-Drain Charge
Qgd
VDS=-6V,VGS=-4.5V
ID≡-2.8A
1.0
nC
Input Capacitance
Ciss
485
Output Capacitance
Coss
85
Reverse Transfer Capacitance
Crss
VDS=-6V,VGS=0V
F=1MHz
40
pF
10
25
Turn-On Time
td(on)
tr
13
60
18
70
Turn-Off Time
td(off)
tf
VDD=-6V,RL=6Ω
ID=-1A,VGEN=-4.5V
RG=6Ω
15
60
nS
Page 3
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
TEL: (650) 9389294 FAX: (650) 9389295


Numéro de pièce similaire - ST1413AC

FabricantNo de pièceFiches techniqueDescription
logo
Stanson Technology
ST1413A STANSON-ST1413A Datasheet
655Kb / 7P
   P Channel Enhancement Mode MOSFET
More results

Description similaire - ST1413AC

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com