Moteur de recherche de fiches techniques de composants électroniques |
|
FMM5804VY Fiches technique(PDF) 1 Page - Eudyna Devices Inc |
|
FMM5804VY Fiches technique(HTML) 1 Page - Eudyna Devices Inc |
1 / 14 page FEATURES ・ High Output Power (P1dB): 24.5dBm(typ.) ・ High Gain (G1dB): 17dB(typ.) ・ Low Input VSWR ・ Broad Band: 17.5~31.5GHz ・ Ball Grid Array SMT Package(VY-PKG) ・ Impedance Matched Zin/Zout = 50 Ω Edition 1.2 October 2004 K / Ka Band Power Amplifier MMIC FMM5804VY DESCRIPTION The FMM5804VY is a MMIC amplifier that contains a four-stage amplifier, internally matched, for standard communications in the 17.5 to 31.5GHz frequency range. This product is well suited for Point-to-Point, Point-to- multi Point applications as it offers high power, high gain, and low VSWR. Eudyna’s stringent Quality Assurance Program assures the highest reliability and consistent performance. ABSOLUTE MAXIMUM RATING Symbol Unit VDD V VGG V Pin dBm Tstg oC RECOMMENDED OPERATING CONDITIONS Item Symbol Unit VDD V Pin dBm Tc oC ELECTRICAL CHARACTERISTICS (Case Temperature TC=25oC) Min. Typ. Max. 22.5* 24.5* - dBm 20.5** 22.5** - dBm G1dB 13 17 - dB η η η ηadd add add add -10 - % IDD(RF) -300 430 mA RLin --15 - dB RLout --8 - dB G.C.P. : Gain Compression Point Note : Based on EIAJ ED-4701 C-111A(C=100pF, R=1.5kΩ Ω Ω Ω) Storage Temperature Rating 10 -3 16 -55 ~ +125 Item Drain Voltage Gate Voltage Input Power Conditions <=6 <=13 Operating Case Temperature -40 ~ +85 Input Power Drain Voltage Limit Conditions Output Power at 1dB G.C.P. Unit Item Symbol Output Return Loss (at Pin=-20dBm) P1dB VDD=6V IDD(DC)=250mA typ. f=17.5~31.5GHz ZS=ZL=50ohm *f=17.5 - 30.0GHz **f=30.0 - 31.5GHz Power Gain at 1dB G.C.P. Power-added Efficiency at 1dB G.C.P. Drain Current at 1dB G.C.P. Input Return Loss (at Pin=-20dBm) Class 0 ESD ~ 199V CASE STYLE VY 1 |
Numéro de pièce similaire - FMM5804VY |
|
Description similaire - FMM5804VY |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |