Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC87C52-20IJD Fiches technique(PDF) 9 Page - TEMIC Semiconductors

No de pièce TSC87C52-20IJD
Description  CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEMIC [TEMIC Semiconductors]
Site Internet  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC87C52-20IJD Fiches technique(HTML) 9 Page - TEMIC Semiconductors

Back Button TSC87C52-20IJD Datasheet HTML 5Page - TEMIC Semiconductors TSC87C52-20IJD Datasheet HTML 6Page - TEMIC Semiconductors TSC87C52-20IJD Datasheet HTML 7Page - TEMIC Semiconductors TSC87C52-20IJD Datasheet HTML 8Page - TEMIC Semiconductors TSC87C52-20IJD Datasheet HTML 9Page - TEMIC Semiconductors TSC87C52-20IJD Datasheet HTML 10Page - TEMIC Semiconductors TSC87C52-20IJD Datasheet HTML 11Page - TEMIC Semiconductors TSC87C52-20IJD Datasheet HTML 12Page - TEMIC Semiconductors TSC87C52-20IJD Datasheet HTML 13Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TSC87C52
9
MATRA MHS
Rev. C – 10 Sept 1997
Preliminary
Description
Symbol
REN
Serial Reception Enable bit
Set to enable serial reception.
Clear to disable serial reception.
TB8
Ninth bit to transmit in mode 2 and 3
Set to transmit a logic 1 in the 9th bit.
Clear to transmit a logic 0 in the 9th bit.
RB8
Ninth bit received in mode 2 and 3
Set by hardware if 9th bit received is logic 1.
Clear by hardware if 9th bit received is logic 0.
TI
Transmit Interrupt Flag
Set by hardware at the end of the 8th bit time in mode 0 or at the beginning of the stop bit in the other
modes.
Clear to acknowledge interrupt.
RI
Receive Interrupt Flag
Set by hardware at the end of the 8th bit time in mode 0, see Figure 4 and Figure 5 in the other modes.
Clear to acknowledge interrupt.
The reset value of SCON is 0000 0000b.
Timer 2
The Timer 2 in the TSC87C52 operates identically to the Timer 2 in the 80C52 but includes the following
enhancements. For a complete understanding of the TSC87C52 Timer 2 please refer to the description in the 80C51
Hardware Description Guide.
Auto–reload (up or down counter)
Enhanced Timer 2 can now be programmed to count up or down when configured in its 16–bit auto–reload mode. This
feature is controlled by the DCEN (Down Counter Enable) bit. DCEN is located in T2MOD at bit location 0 (see
Table 5). Setting the DCEN bit enables Timer 2 to count up or down as shown in Figure 6. In this mode the T2EX pin
controls the direction of count.
A logic 1 at T2EX makes Timer 2 count up. The timer will overflow at FFFFh and set the TF2 bit. This overflow also
causes the 16–bit value in RCAP2H and RCAP2L to be reloaded into the timer registers, TH2 and TL2, respectively.
A logic 0 at T2EX makes Timer 2 count down. Now the timer underflows when TH2 and TL2 equal the values stored
in RCAP2H and RCAP2L. The underflow sets the TF2 bit and causes FFFFh to be reloaded into the timer registers.
The EXF2 bit toggles whenever Timer 2 overflows or underflows. In this operating mode, EXF2 does not flag an
interrupt.
COUNT DIRECTION
1= UP
0= DOWN
(DOWN COUNTING RELOAD VALUE)
C/T2
TF2
TR2
÷ 12
OSC
T2
T2EX
EXF2
TH2
(8–bit)
TL2
(8–bit)
RCAP2H
(8–bit)
RCAP2L
(8–bit)
FFh
(8–bit)
FFh
(8–bit)
TOGGLE
(UP COUNTING RELOAD VALUE)
TIMER 2
INTERRUPT
Figure 6 Timer 2 Auto–Reload Mode Up/Down Counter


Numéro de pièce similaire - TSC87C52-20IJD

FabricantNo de pièceFiches techniqueDescription
logo
TEMIC Semiconductors
TSC87C52-12CA TEMIC-TSC87C52-12CA Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-12CB TEMIC-TSC87C52-12CB Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-16CA TEMIC-TSC87C52-16CA Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-16CB TEMIC-TSC87C52-16CB Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
More results

Description similaire - TSC87C52-20IJD

FabricantNo de pièceFiches techniqueDescription
logo
TEMIC Semiconductors
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_03 Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
logo
TEMIC Semiconductors
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com