Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL220 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TSL220
Description  LIGHT-TO-FREQUENCY CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TSL220 Fiches technique(HTML) 1 Page - Texas Instruments

  TSL220 Datasheet HTML 1Page - Texas Instruments TSL220 Datasheet HTML 2Page - Texas Instruments TSL220 Datasheet HTML 3Page - Texas Instruments TSL220 Datasheet HTML 4Page - Texas Instruments TSL220 Datasheet HTML 5Page - Texas Instruments TSL220 Datasheet HTML 6Page - Texas Instruments TSL220 Datasheet HTML 7Page - Texas Instruments TSL220 Datasheet HTML 8Page - Texas Instruments TSL220 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TSL220
LIGHT-TO-FREQUENCY CONVERTER
SOES003 – AUGUST 1990 – REVISED JUNE 1991
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D High-Resolution Conversion of Light Intensity to Frequency
D Wide Dynamic Range...118 dB
D Variable (and Single) Supply Range...5 V to 10 V
D High Linearity...Typically Within 2% of FSR (C = 100 pF)
D High Sensitivity... Can Detect Change of 0.01% of FSR
D CMOS Compatible Output for Digital Processing
D Minimum External Components
D Microprocessor Compatible
description
The TSL220 consists of a large-area photodiode and a current-to-frequency converter. The output voltage is
a pulse train and its frequency is directly proportional to the light intensity (irradiance) on the photodiode. The
output is CMOScompatible and its frequency may be measured using pulse counting, period timing, or
integration techniques. The TSL220 is ideal for light-sensing applications requiring wide dynamic range, high
sensitivity, and high noise immunity. The output frequency range is determined by an external capacitor; hence,
the desired output frequency is adjustable for a given light intensity at the input. The TSL220 is characterized
for operation over the temperature range of – 25
°C to 70°C.
mechanical data
The photodiode and current-to-frequency converter are packaged in a clear plastic 8-pin dual-in-line package.
The active chip area is typically 4,13 mm2 (0.0064 in2).
Location of
Photodiode
Center
PIN 8 NU
PIN 7 NU
PIN 6 C1
PIN 5 GND
PIN 4 C2
PIN 3 VCC
PIN 2 OUTPUT
PIN 1 NC
8,7 (0.343)
9,2 (0.362)
1,9 (0.075)
2,4 (0.094)
3,2 (0.126)
3,4 (0.134)
0,45 (0.018)
0,85 (0.033)
1,4 (0.055)
1,6 (0.063)
0,36 (0.014)
0,56 (0.022)
0,84 (0.033) MIN
7
° MAX
TYP
90
°
105
°
Seating Plane
0,23 (0.009)
0,30 (0.012)
0,4 (0.016)
0,6 (0.024)
7,82
± 0,13
(0.308
± 0.005)
6,3 (0.248)
6,5 (0.256)
1
2
3
4
8
7
56
9,5 (0.374)
MAX
7
°
TYP
8 Places
5,4 (0.213)
5,6 (0.220)
0,8 (0.031) R NOM
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES
NC–No internal connection
C
L
NU–Not usable (leave unconnected)
2,54
± 0,10
(0,100
± 0.004)
C
L
† Use of LSTTL logic families may require a 3300-
Ω pulldown resistor on the output.
Copyright
© 1991, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Numéro de pièce similaire - TSL220

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TSL201 ETC-TSL201 Datasheet
99Kb / 8P
   64 X 1 LINEAR SENSOR ARRAY
logo
TEXAS ADVANCED OPTOELEC...
TSL2014 TAOS-TSL2014 Datasheet
184Kb / 10P
   896 x 1 LINEAR SENSOR ARRAY
logo
ams AG
TSL2014 AMSCO-TSL2014 Datasheet
602Kb / 11P
   896X1 LINEAR SENSOR ARRAY
TSL201CL AMSCO-TSL201CL Datasheet
759Kb / 15P
   64  1 LINEAR SENSOR ARRAY
logo
List of Unclassifed Man...
TSL201R ETC-TSL201R Datasheet
99Kb / 8P
   64 X 1 LINEAR SENSOR ARRAY
More results

Description similaire - TSL220

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSL235 TI-TSL235 Datasheet
80Kb / 6P
[Old version datasheet]   LIGHT-TO-FREQUENCY CONVERTER
logo
List of Unclassifed Man...
TSL235R ETC-TSL235R Datasheet
83Kb / 8P
   LIGHTTOFREQUENCY CONVERTER
logo
ams AG
TSL235R AMSCO-TSL235R_V01 Datasheet
320Kb / 17P
   Light-to-Frequency Converter
2018-Apr-04
logo
TEXAS ADVANCED OPTOELEC...
TSL235R TAOS-TSL235R Datasheet
153Kb / 10P
   LIGHT-TO-FREQUENCY CONVERTER
logo
ams AG
TSL235 AMSCO-TSL235 Datasheet
722Kb / 11P
   LIGHT-TO-FREQUENCY CONVERTER
TSL235R AMSCO-TSL235R Datasheet
722Kb / 11P
   LIGHT-TO-FREQUENCY CONVERTER
logo
Texas Instruments
TSL245 TI-TSL245 Datasheet
83Kb / 6P
[Old version datasheet]   INFRARED LIGHT-TO-FREQUENCY CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TCS3200 TAOS-TCS3200 Datasheet
165Kb / 14P
   COLOR LIGHT-TO-FREQUENCY CONVERTER
logo
ams AG
TSL245 AMSCO-TSL245 Datasheet
595Kb / 11P
   INFRARED LIGHT-TO-FREQUENCY CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL245R TAOS-TSL245R Datasheet
157Kb / 10P
   INFRARED LIGHT-TO-FREQUENCY CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com