Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA2595V9 Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce TDA2595V9
Description  Horizontal combination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2595V9 Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button TDA2595V9 Datasheet HTML 4Page - NXP Semiconductors TDA2595V9 Datasheet HTML 5Page - NXP Semiconductors TDA2595V9 Datasheet HTML 6Page - NXP Semiconductors TDA2595V9 Datasheet HTML 7Page - NXP Semiconductors TDA2595V9 Datasheet HTML 8Page - NXP Semiconductors TDA2595V9 Datasheet HTML 9Page - NXP Semiconductors TDA2595V9 Datasheet HTML 10Page - NXP Semiconductors TDA2595V9 Datasheet HTML 11Page - NXP Semiconductors TDA2595V9 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
March 1987
8
Philips Semiconductors
Product specification
Horizontal combination
TDA2595
Coincidence detector
ϕ3 (pin 13)
Output voltage
without coincidence with composite video signal
V13-5
−−
1V
without coincidence without composite video signal
(noise)
V13-5
−−
2V
with coincidence with composite video signal
V13-5
6
V
Output current
without coincidence with composite video signal
I13
50
−µA
with coincidence with composite video signal
−I13
300
−µA
Switching current
at V13-5 =VP − 0,5 V
I13
−−
100
µA
at V13-5 = 0,5 V (average value)
I13(av)
−−
100
µA
Phase comparison
ϕ
2 (pins 2 and 3) (see note 1)
Input for line flyback pulse (pin 2)
Switching level for
ϕ2 comparison
and flyback control
V2-5
3
V
Switching level for horizontal blanking
V2-5
0,3
V
Input voltage limiting
V2-5
−−0,7
V
or:
−+4,5
V
Switching current
at horizontal flyback
I2
0,01
1
mA
at horizontal scan
I2
−−
2
µA
Maximum negative input current
−I2
−−
500
µA
Phase detector output (pin 3)
Control current for
ϕ
2
± I3
1
mA
Control range
∆t ϕ2
19
−µs
Static control error
∆t / ∆t
d
−−
0,2
%
Leakage current
I3
−−
5
µA
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT


Numéro de pièce similaire - TDA2595V9

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
TDA2590 FAIRCHILD-TDA2590 Datasheet
344Kb / 7P
   TV HORIZONTAL OSCILLATOR COMBINATION
logo
STMicroelectronics
TDA2593 STMICROELECTRONICS-TDA2593 Datasheet
172Kb / 6P
   SYNCHRO AND HORIZONTAL DEFLECTION CONTROL FOR COLOR TV SET
logo
List of Unclassifed Man...
TDA2594 ETC-TDA2594 Datasheet
290Kb / 7P
   HORIZONTAL COMBINATION
More results

Description similaire - TDA2595V9

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TDA2594 ETC-TDA2594 Datasheet
290Kb / 7P
   HORIZONTAL COMBINATION
logo
Fairchild Semiconductor
TDA2590 FAIRCHILD-TDA2590 Datasheet
344Kb / 7P
   TV HORIZONTAL OSCILLATOR COMBINATION
logo
NTE Electronics
NTE7115 NTE-NTE7115 Datasheet
44Kb / 6P
   Integrated Circuit Color TV Horizontal Combination Circuit
logo
Motorola, Inc
MC13081X MOTOROLA-MC13081X Datasheet
222Kb / 20P
   Multimode Color Monitor Horizontal, Vertical, and Video Combination Processor
logo
NTE Electronics
NTE7001 NTE-NTE7001 Datasheet
40Kb / 5P
   Integrated Circuit Horizontal Combination Circuit for Color TV & Computer Monitors
logo
Unisonic Technologies
PC1031 UTC-PC1031_V01 Datasheet
95Kb / 4P
   TV HORIZONTAL DEFLECTION HORIZONTAL DEFLECTION
logo
List of Unclassifed Man...
ECG1086 ETC1-ECG1086 Datasheet
209Kb / 5P
   SYNCHRONOUS SEPARATOR, HORIZONTAL AFC, HORIZONTAL OSCILLATOR
logo
PIC GmbH
PLS-092A-3PPH PIC-PLS-092A-3PPH Datasheet
251Kb / 2P
   Horizontal-Levelsensor
logo
CUI INC
UJ2-AH-SMT CUI-UJ2-AH-SMT Datasheet
323Kb / 4P
   horizontal orientation
logo
KODENSHI_AUK CORP.
SG257 KODENSHI-SG257 Datasheet
282Kb / 2P
   Horizontal slit/
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com