Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX333A Fiches technique(PDF) 1 Page - Maxim Integrated Products

No de pièce MAX333A
Description  Precision, Quad, SPDT, CMOS Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX333A Fiches technique(HTML) 1 Page - Maxim Integrated Products

  MAX333A Datasheet HTML 1Page - Maxim Integrated Products MAX333A Datasheet HTML 2Page - Maxim Integrated Products MAX333A Datasheet HTML 3Page - Maxim Integrated Products MAX333A Datasheet HTML 4Page - Maxim Integrated Products MAX333A Datasheet HTML 5Page - Maxim Integrated Products MAX333A Datasheet HTML 6Page - Maxim Integrated Products MAX333A Datasheet HTML 7Page - Maxim Integrated Products MAX333A Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
_______________General Description
The MAX333A is a precision, quad, single-pole double-
throw (SPDT) analog switch. The four independent
switches operate with bipolar supplies ranging from
±4.5V to ±20V, or with a single-ended supply between
+10V and +30V. The MAX333A offers low on resistance
(less than 35
Ω), guaranteed to match within 2Ω between
channels and to remain flat over the analog signal range
(
∆3Ω max). It also offers break-before-make switching
(10ns typical), with turn-off times less than 145ns and
turn-on times less than 175ns. The MAX333A is ideal for
portable operation since quiescent current runs less
than 50µA with all inputs high or low.
This monolithic, quad switch is fabricated with Maxim’s
new improved silicon-gate process. Design improvements
guarantee extremely low charge injection (10pC), low
power consumption (3.75mW), and electrostatic discharge
(ESD) greater than 2000V.
Logic inputs are TTL and CMOS compatible and guaranteed
over a +0.8V to +2.4V range—regardless of supply voltage.
Logic inputs and switched analog signals can range any-
where between the supply voltages without damage.
________________________Applications
Test Equipment
Communications Systems
PBX, PABX
Heads-Up Displays
Portable Instruments
____________________________Features
o Upgraded Replacement for a DG211/DG212 Pair
or Two DG403s
o Low On Resistance < 17
Ω Typical (35Ω Max)
o Guaranteed Matched On Resistance Between
Channels < 2
o Guaranteed Flat On Resistance over Analog
Signal Range
∆3Ω Max
o Guaranteed Charge Injection < 10pC
o Guaranteed Off-Channel Leakage < 6nA at +85°C
o ESD Guaranteed > 2000V per Method 3015.7
o Single-Supply Operation (+10V to +30V)
Bipolar-Supply Operation (±4.5V to ±20V)
o TTL-/CMOS-Logic Compatibility
o Rail-to-Rail Analog Signal Handling Capability
______________Ordering Information
* Contact factory for dice specifications.
Precision, Quad, SPDT, CMOS Analog Switch
________________________________________________________________
Maxim Integrated Products
1
INPUTS
V1
V2
OSC
IN
V3
V4
FLYING CAPACITOR
LEVEL TRANSLATOR
(2-CHANNEL)
OUTPUTS
V1 - V2
V3 - V4
__________Typical Operating Circuit
SWITCHES ARE SHOWN WITH LOGIC "0" INPUT
N.C. = NOT INTERNALLY CONNECTED
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
IN4
NO4
COM4
NC4
NC1
COM1
NO1
IN1
MAX333A
V+
N.C.
NC3
COM3
COM2
NC2
GND
V-
NO3
IN3
IN2
NO2
TOP VIEW
DIP/SO/TSSOP
__________________Pin Configuration
PART
TEMP. RANGE
PIN-PACKAGE
MAX333ACPP
0°C to +70°C
20 Plastic DIP
MAX333ACWP
0°C to +70°C
20 Wide SO
MAX333ACUP
0°C to +70°C
20 TSSOP
MAX333AEPP
-40°C to +85°C
20 Plastic DIP
MAX333AEWP
-40°C to +85°C
20 Wide SO
MAX333AEUP
-40°C to +85°C
20 TSSOP
19-0189; Rev 1; 6/99
MAX333AC/D
0°C to +70°C
Dice*
MAX333AMJP
-55°C to +125°C
20 CERDIP
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Numéro de pièce similaire - MAX333A

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
MAX333C/D MAXIM-MAX333C/D Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
MAX333CPP MAXIM-MAX333CPP Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
MAX333CWP MAXIM-MAX333CWP Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
MAX333EPP MAXIM-MAX333EPP Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
More results

Description similaire - MAX333A

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333A VISHAY-DG333A Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. C, 31-Jan-11
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
logo
Pericom Semiconductor C...
PS394 PERICOM-PS394 Datasheet
332Kb / 8P
   Precision, Quad, SPDT, 17V Analog Switch
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394_V01 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
2021
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com