Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TAA4100 Fiches technique(PDF) 12 Page - Tripath Technology Inc.

No de pièce TAA4100
Description  FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPATH [Tripath Technology Inc.]
Site Internet  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TAA4100 Fiches technique(HTML) 12 Page - Tripath Technology Inc.

Back Button TAA4100 Datasheet HTML 8Page - Tripath Technology Inc. TAA4100 Datasheet HTML 9Page - Tripath Technology Inc. TAA4100 Datasheet HTML 10Page - Tripath Technology Inc. TAA4100 Datasheet HTML 11Page - Tripath Technology Inc. TAA4100 Datasheet HTML 12Page - Tripath Technology Inc. TAA4100 Datasheet HTML 13Page - Tripath Technology Inc. TAA4100 Datasheet HTML 14Page - Tripath Technology Inc. TAA4100 Datasheet HTML 15Page - Tripath Technology Inc. TAA4100 Datasheet HTML 16Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Tri p ath Techn o l o g y, I n c. - Techn i cal I n fo rmati o n
12
TAA4100 – KL/ Rev. 0.97/04.05
Typical Performance AM Mode
100
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
%
1
2
5
10
20
50
100
W
AM MODE
R
L = 4Ω
f = 1Khz
BW = 22Hz - 20kHz(AES17)
THD+N versus Output Power
V
PP = 14.4V
V
PP = 16V
010
20
30
40
50
60
Total Output Power (W)
70
80
0
10
20
30
40
50
60
70
80
0
15
30
45
60
Efficiency and Power Dissipation versus
Total output Power
AM MODE
V
DD = 14.4V
R
L = 4Ω
f = 1kHz
BW = 22Hz - 20kHz(AES17)
Power Dissipation
Efficiency


Numéro de pièce similaire - TAA4100

FabricantNo de pièceFiches techniqueDescription
logo
Tripath Technology Inc.
TAA4100A TRIPATH-TAA4100A Datasheet
337Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
More results

Description similaire - TAA4100

FabricantNo de pièceFiches techniqueDescription
logo
Tripath Technology Inc.
TA2041A TRIPATH-TA2041A Datasheet
330Kb / 19P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA4100A TRIPATH-TAA4100A Datasheet
337Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA0103A TRIPATH-TA0103A Datasheet
262Kb / 18P
   Stereo 250W (4?? Class-T Digital Audio Amplifier Driver using Digital Power Processing (DPPTM) Technology
TA0104A TRIPATH-TA0104A Datasheet
482Kb / 18P
   STEREO 500W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TA0102A TRIPATH-TA0102A Datasheet
235Kb / 12P
   STEREO 150W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com