Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TAA4100 Fiches technique(PDF) 6 Page - Tripath Technology Inc.

No de pièce TAA4100
Description  FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPATH [Tripath Technology Inc.]
Site Internet  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TAA4100 Fiches technique(HTML) 6 Page - Tripath Technology Inc.

Back Button TAA4100 Datasheet HTML 2Page - Tripath Technology Inc. TAA4100 Datasheet HTML 3Page - Tripath Technology Inc. TAA4100 Datasheet HTML 4Page - Tripath Technology Inc. TAA4100 Datasheet HTML 5Page - Tripath Technology Inc. TAA4100 Datasheet HTML 6Page - Tripath Technology Inc. TAA4100 Datasheet HTML 7Page - Tripath Technology Inc. TAA4100 Datasheet HTML 8Page - Tripath Technology Inc. TAA4100 Datasheet HTML 9Page - Tripath Technology Inc. TAA4100 Datasheet HTML 10Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Tri p ath Techn o l o g y, I n c. - Techn i cal I n fo rmati o n
6
TAA4100 – KL/ Rev. 0.97/04.05
Pin Description
PIN
NAME
/FUNCTION
TYPE
DESCRIPTION
1
IN1
INPUT
Channel 1 Input
2
IN2
INPUT
Channel 2 Input
3
IN3
INPUT
Channel 3 Input
4
IN4
INPUT
Channel 4 Input
5
BIASCAP
Internal reference bypass capacitor connection
6
SLEEPB
INPUT (L)
Logic input, ACTIVE LOW. Setting SLEEP to low puts the
TAA4100 in sleep mode. This pin must be driven high via an
external power supply or microcontroller for the TAA4100 to
begin operation. Input range is 0 to 5V with 3.3V compliant
inputs.
7
AM
INPUT (L)
Logic input, ACTIVE HIGH. Enables Analog Mode operation.
Typically driven by an external power supply of microcontroller.
Input range is 0 to 5V with 3.3V compliant inputs.
8
OVRLDB
OUTPUT (L)
Logic output, ACTIVE LOW. OVRLDB low indicates the input
has overloaded the amplifier
9
MUTEB
INPUT (L)
Logic Input, ACTIVE LOW. Setting MUTE to low puts the device
in mute mode. Typically driven by external power supply or
microcontroller. Input range is 0 to 5V with 3.3V compliant
inputs.
10
AGND1
GND
Analog ground
11
5VGEN
On chip 5V regulator bypass capacitor connection
12
HMUTEB
OUTPUT (L)
Logic output, ACTIVE LOW. HMUTEB low indicates TAA4100 is
in mute mode
13
VPPA
POWER
Positive power supply voltage connection
14
AGND2
GND
Analog ground
15
CPUMP
OUTPUT
Charge pump output capacitor
16
OUT4P
OUTPUT
Positive Output Channel 4
17
VPP4
POWER
Positive Supply Voltage Channel 4
18
PGND
GND
Power Ground
19
OUT4N
OUTPUT
Negative Output Channel 4
20
OUT3N
OUTPUT
Negative Output Channel 3
21
VPP3
POWER
Positive Supply Voltage Channel 3
22
OUT3P
OUTPUT
Positive Output Channel 3
23
FAULT
OUTPUT (L)
Open Drain Logic Output, ACTIVE HIGH. FAULT high indicates
fault condition.
24
OUT2P
OUTPUT
Positive Output Channel 2
25
VPP2
POWER
Positive Supply Voltage Channel 2
26
OUT2N
OUTPUT
Negative Output Channel 2
27
OUT1N
OUTPUT
Negative Output Channel 1
28
PGND
GND
Power Ground
29
VPP1
POWER
Positive Supply Voltage Channel 1
30
OUT1P
OUTPUT
Positive Output Channel 1
31
DCAP
OUTPUT
External Charge Pump Circuit Output. DCAP is a free running
400kHz square wave between VDDA (pin 13) and AGND (pin
14) with a 14.4Vpp nominal amplitude.
32
PGND
GND
Power Ground


Numéro de pièce similaire - TAA4100

FabricantNo de pièceFiches techniqueDescription
logo
Tripath Technology Inc.
TAA4100A TRIPATH-TAA4100A Datasheet
337Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
More results

Description similaire - TAA4100

FabricantNo de pièceFiches techniqueDescription
logo
Tripath Technology Inc.
TA2041A TRIPATH-TA2041A Datasheet
330Kb / 19P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA4100A TRIPATH-TAA4100A Datasheet
337Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA0103A TRIPATH-TA0103A Datasheet
262Kb / 18P
   Stereo 250W (4?? Class-T Digital Audio Amplifier Driver using Digital Power Processing (DPPTM) Technology
TA0104A TRIPATH-TA0104A Datasheet
482Kb / 18P
   STEREO 500W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TA0102A TRIPATH-TA0102A Datasheet
235Kb / 12P
   STEREO 150W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com