Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TAA2008 Fiches technique(PDF) 13 Page - Tripath Technology Inc.

No de pièce TAA2008
Description  STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPATH [Tripath Technology Inc.]
Site Internet  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TAA2008 Fiches technique(HTML) 13 Page - Tripath Technology Inc.

Back Button TAA2008 Datasheet HTML 9Page - Tripath Technology Inc. TAA2008 Datasheet HTML 10Page - Tripath Technology Inc. TAA2008 Datasheet HTML 11Page - Tripath Technology Inc. TAA2008 Datasheet HTML 12Page - Tripath Technology Inc. TAA2008 Datasheet HTML 13Page - Tripath Technology Inc. TAA2008 Datasheet HTML 14Page - Tripath Technology Inc. TAA2008 Datasheet HTML 15Page - Tripath Technology Inc. TAA2008 Datasheet HTML 16Page - Tripath Technology Inc. TAA2008 Datasheet HTML 17Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
13
TAA2008 –KLi/1.0/05.06
TAA2008
OAOUT1
INV1
C
I
2.2uF
29
30
+
OAOUT2
INV2
C
I
2.2uF
1
2
+
R
F
20K
R
I
20K
R
OFA
10K
Offset Trim
Potentiometer
V5A (pin 28)
R
OFB
1M
C
OF
0.1uF
R
OFA
10K
V5A (pin 28)
R
OFB
1M
C
OF
0.1uF
R
F
20K
R
I
20K
Offset Trim
Potentiometer
2) In cases where manually trimming potentiometers is not possible, resistors can be used in
place of potentiometers. Since each TAA2008 has different offset voltage, the output offset
voltage will need to be measured for both channel 1 and channel 2 and then resistors will
have to be added on the PC board to trim the offset. Below is a lookup table for resistor
values for corresponding offset voltages. Both Rx and Ry values should be 1% tolerance
resistors. Please refer to the EB-TAA2008 document for more information on this manual
trim method using resistors.
TAA2008
OAOUT1
INV1
C
I
2.2uF
29
30
+
OAOUT2
INV2
C
I
2.2uF
1
2
+
R
F
20K
R
I
20K
R
OFB
1M
R
X1
V5A (pin 28)
R
OFB
1M
R
Y1
R
F
20K
R
I
20K
R
X2
V5A (pin 28)
R
Y2


Numéro de pièce similaire - TAA2008

FabricantNo de pièceFiches techniqueDescription
logo
Tripath Technology Inc.
TAA2009 TRIPATH-TAA2009 Datasheet
313Kb / 19P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
More results

Description similaire - TAA2008

FabricantNo de pièceFiches techniqueDescription
logo
Tripath Technology Inc.
TAA2009 TRIPATH-TAA2009 Datasheet
313Kb / 19P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA2024B TRIPATH-TA2024B Datasheet
538Kb / 14P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024C TRIPATH-TA2024C Datasheet
395Kb / 18P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TC2000 TRIPATH-TC2000 Datasheet
202Kb / 9P
   STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com