Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD6C111-L Fiches technique(PDF) 3 Page - Solid State Optronic

No de pièce AD6C111-L
Description  1 Form A Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSOUSA [Solid State Optronic]
Site Internet  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD6C111-L Fiches technique(HTML) 3 Page - Solid State Optronic

  AD6C111-L Datasheet HTML 1Page - Solid State Optronic AD6C111-L Datasheet HTML 2Page - Solid State Optronic AD6C111-L Datasheet HTML 3Page - Solid State Optronic AD6C111-L Datasheet HTML 4Page - Solid State Optronic AD6C111-L Datasheet HTML 5Page - Solid State Optronic AD6C111-L Datasheet HTML 6Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AD6C111-L
1 Form A
Solid State Relay
ELECTRICAL CHARACTERISTICS - 25°C
PARAMETER
UNIT
MIN
TYP
MAX
TEST CONDITIONS
INPUT SPECIFICATIONS
LED Forward Voltage
V
1.2
1.5
If = 10mA
LED Reverse Voltage
V
612
Ir = 10uA
Turn-On Current
m
52.5
Io = 110mA
A
Turn-Off Current
m
0.5
A
OUTPUT SPECIFICATIONS
Blocking Voltage
V
400
Io = 10uA
Continuous Load Current
m
110
If = 5mA
A
Current Limit
m
120
150
180
If = 5mA
A
On-Resistance
30
40
Io = 110mA
Leakage Current
µ
0.2
10
Vo = 400V
A
Output Capacitance
p
25
50
Vo = 25V, f = 1.0MHz
F
Offset Voltage
m
0.2
If = 5mA
V
COUPLED SPECIFICATIONS
Isolation Voltage
V
2500
T = 1 minute
-H Suffix
V
3750
T = 1 minute
Turn-On Time
m
0.5
1
If = 5mA, Io = 110mA
s
Turn-Off Time
m
0.1
0.5
If = 5mA, Io = 110mA
s
Isolation Resistance
G
100
Coupled Capacitance
p
3
F
Contact Transient Ratio
V
2000
7000
dV = 50V
/
µ s
rev 1.4 (10/25/04)
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 3 of 6
AD6C111-L


Numéro de pièce similaire - AD6C111-L

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
AD6C111-L SSOUSA-AD6C111-L_15 Datasheet
316Kb / 9P
   High Isolation Voltage (3750VRMS)
More results

Description similaire - AD6C111-L

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
   1 Form A Solid-State Relay
01-Jan-2022
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
   1 Form A Solid State Relay
Rev. 1.5, 26-Oct-04
logo
Solid State Optronic
S742-X SSOUSA-S742-X Datasheet
167Kb / 4P
   1 Form A Solid State Relay
AD8C111-L SSOUSA-AD8C111-L Datasheet
165Kb / 4P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com