Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3225 Fiches technique(PDF) 5 Page - Silicon Laboratories

No de pièce SI3225
Description  DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3225 Fiches technique(HTML) 5 Page - Silicon Laboratories

  SI3225 Datasheet HTML 1Page - Silicon Laboratories SI3225 Datasheet HTML 2Page - Silicon Laboratories SI3225 Datasheet HTML 3Page - Silicon Laboratories SI3225 Datasheet HTML 4Page - Silicon Laboratories SI3225 Datasheet HTML 5Page - Silicon Laboratories SI3225 Datasheet HTML 6Page - Silicon Laboratories SI3225 Datasheet HTML 7Page - Silicon Laboratories SI3225 Datasheet HTML 8Page - Silicon Laboratories SI3225 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 112 page
background image
Si3220/25
Rev. 1.2
5
Table 2. Recommended Operating Conditions
Parameter
Symbol
Test
Condition
Min*
Typ
Max*
Unit
Ambient Temperature
TA
K/F-Grade
0
25
70
oC
Ambient Temperature
TA
B/G-Grade
–40
25
85
oC
Supply Voltage, Si3220/Si3225
VDD1–VDD4
3.13
3.3/5.0
5.25
V
Supply Voltage, Si3200
VDD
3.13
3.3/5.0
5.25
V
High Battery Supply Voltage, Si3200
VBATH
–15
–99
V
Low Battery Supply Voltage, Si3200
VBATL
–15
VBATH
V
*Note: All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise stated.
Table 3. 3.3 V Power Supply Characteristics1
(VDD, VDD1 – VDD4 = 3.3 V, TA = 0 to 70 °C for K/F-Grade, –40 to 85 °C for B/G-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
VDD1–VDD4 Supply
Current (Si3220/
Si3225)
IVDD1–IVDD4
Sleep mode, RESET = 0
200
µA
Open (high-impedance)
17
mA
Active on-hook standby
16
mA
Forward/reverse active off-hook
—45 + ILIM
+ ABIAS
—mA
Forward/reverse active OHT
OBIAS = 4 mA, VBAT =–70 V
—47—
mA
Ringing, VRING =45Vrms, VBAT =–70 V,
Sine Wave, 1 REN load2
—26—
mA
Notes:
1. All specifications are for a single channel based on measurements with both channels in the same operating state.
2. See "3.14.4. Ringing Power Considerations" on page 53 for current and power consumption under other operating
conditions.
3. Power consumption does not include additional power required for dc loop feed. Total system power consumption must
include an additional (VDD + |VBAT|) x ILOOP term.


Numéro de pièce similaire - SI3225

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI3225 SILABS-SI3225 Datasheet
234Kb / 2P
   Broadband AND Voice Telephony Solutions
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon Laboratories
SI3225PPT-EVB SILABS-SI3225PPT-EVB Datasheet
693Kb / 16P
   EVALUATION BOARD FOR THE Si3225 DUAL PROSLIC
More results

Description similaire - SI3225

FabricantNo de pièceFiches techniqueDescription
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon Laboratories
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3215 SILABS-SI3215 Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Winbond
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
logo
Silicon Laboratories
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Winbond
W681388 WINBOND-W681388 Datasheet
130Kb / 2P
   Single Programmable Extended CODEC/SLIC
logo
Mitel Networks Corporat...
MH88614 MITEL-MH88614 Datasheet
90Kb / 10P
   Programmable CODEC SLIC Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com