Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI2200 Fiches technique(PDF) 4 Page - Silicon Laboratories

No de pièce SI2200
Description  RF SYNTHESIZER WITH INTEGRATED VCOS INTEGRATED VCOS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2200 Fiches technique(HTML) 4 Page - Silicon Laboratories

  SI2200 Datasheet HTML 1Page - Silicon Laboratories SI2200 Datasheet HTML 2Page - Silicon Laboratories SI2200 Datasheet HTML 3Page - Silicon Laboratories SI2200 Datasheet HTML 4Page - Silicon Laboratories SI2200 Datasheet HTML 5Page - Silicon Laboratories SI2200 Datasheet HTML 6Page - Silicon Laboratories SI2200 Datasheet HTML 7Page - Silicon Laboratories SI2200 Datasheet HTML 8Page - Silicon Laboratories SI2200 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Si2200
4
Rev. 1.0
1. Electrical Specifications
Table 1. Recommended Operating Conditions1,2
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Ambient Operating Temperature
TA
–40
25
85
°C
Ambient Functional Temperature
TF
–40
25
95
°C
Supply Voltage
VDD
2.9
3.3
3.6
V
Supply Voltages Difference
V
(VDDR – VDDD),
(VDDI – VDDD)
–0.3
0.3
V
Notes:
1. All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise stated.
2. Minimum and maximum specifications are not guaranteed across the functional temperature range.
Table 2. Absolute Maximum Ratings1,2
Parameter
Symbol
Value
Unit
DC Supply Voltage
VDD
–0.5 to 4.0
V
Input Current3
I
IN
±10
mA
Input Voltage3
V
IN
–0.3 to VDD+0.3
V
Storage Temperature Range
TSTG
–55 to 150
oC
Notes:
1. Permanent device damage may occur if the above Absolute Maximum Ratings are exceeded. Functional operation
should be restricted to the conditions as specified in the operational sections of this data sheet. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. This device is a high performance RF integrated circuit with an ESD rating of < 2 kV. Handling and assembly of this
device should only be done at ESD-protected workstations.
3. For signals SCLK, SDATA, SEN, PWDN, and XIN.


Numéro de pièce similaire - SI2200

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
SI22000M100 NTE-SI22000M100 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI22000M16 NTE-SI22000M16 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI22000M160 NTE-SI22000M160 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI22000M200 NTE-SI22000M200 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI22000M25 NTE-SI22000M25 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
More results

Description similaire - SI2200

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4136 SILABS-SI4136 Datasheet
660Kb / 30P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS
logo
STMicroelectronics
STW81101 STMICROELECTRONICS-STW81101 Datasheet
1Mb / 42P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81101 STMICROELECTRONICS-STW81101_07 Datasheet
1Mb / 48P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81102 STMICROELECTRONICS-STW81102 Datasheet
800Kb / 43P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81103 STMICROELECTRONICS-STW81103 Datasheet
1Mb / 53P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81100 STMICROELECTRONICS-STW81100_1 Datasheet
1,004Kb / 29P
   MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOs
STW81100 STMICROELECTRONICS-STW81100 Datasheet
915Kb / 23P
   MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
logo
Silicon Laboratories
SI4126 SILABS-SI4126 Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
National Semiconductor ...
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
logo
Silicon Laboratories
SI4136 SILABS-SI4136_10 Datasheet
314Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com