Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI550 Fiches technique(PDF) 1 Page - Silicon Laboratories

No de pièce SI550
Description  VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI550 Fiches technique(HTML) 1 Page - Silicon Laboratories

  SI550 Datasheet HTML 1Page - Silicon Laboratories SI550 Datasheet HTML 2Page - Silicon Laboratories SI550 Datasheet HTML 3Page - Silicon Laboratories SI550 Datasheet HTML 4Page - Silicon Laboratories SI550 Datasheet HTML 5Page - Silicon Laboratories SI550 Datasheet HTML 6Page - Silicon Laboratories SI550 Datasheet HTML 7Page - Silicon Laboratories SI550 Datasheet HTML 8Page - Silicon Laboratories SI550 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary Rev. 0.3 4/06
Copyright © 2006 by Silicon Laboratories
Si550
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Si550
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO)
10 MHZ TO 1.4 GHZ
Features
Applications
Description
The Si550 VCXO utilizes Silicon Laboratories’ advanced DSPLL® circuitry to
provide a low-jitter clock at high frequencies. The Si550 is available with
any-rate output frequency from 10 to 945 MHz and selected frequencies to
1400 MHz. Unlike traditional VCXO’s where a different crystal is required for
each output frequency, the Si550 uses one fixed crystal to provide a wide
range of output frequencies. This IC based approach allows the crystal
resonator to provide exceptional frequency stability and reliability. In
addition, DSPLL clock synthesis provides superior supply noise rejection,
simplifying the task of generating low-jitter clocks in noisy environments
typically found in communication systems. The Si550 IC-based VCXO is
factory configurable for a wide variety of user specifications, including
frequency, supply voltage, output format, tuning slope, and temperature
stability. Specific configurations are factory programmed at time of shipment,
thereby eliminating long lead times associated with custom oscillators.
Functional Block Diagram
Available with any-rate output
frequencies from 10 MHz to
945 MHz and selected frequencies
to 1.4 GHz
3rd generation DSPLL® with
superior jitter performance
3x better frequency stability than
SAW based oscillators
Internal fixed crystal frequency
ensures high reliability and low
aging
Available CMOS, LVPECL,
LVDS, & CML outputs
3.3, 2.5, and 1.8 V supply options
Industry-standard 5 x 7 mm
package and pinout
Lead-free/RoHS-compliant
SONET / SDH
xDSL
10 GbE LAN / WAN
Low-jitter clock generation
Optical modules
Clock and data recovery
Fixed
Frequency
XO
Any-rate
10-1400 MHz
DSPLL®
Clock Synthesis
ADC
VDD
CLK+
CLK–
Vc
OE
GND
Ordering Information:
See page 8.
Pin Assignments:
See page 7.
(Top View)
Si5602
1
2
3
6
5
4
VC
GND
OE
VDD
CLK+
CLK–
PRELIMINARY DATA SHEET


Numéro de pièce similaire - SI550

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI550 SKYWORKS-SI550 Datasheet
514Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
logo
Vishay Siliconix
SI5504BDC VISHAY-SI5504BDC Datasheet
150Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. A, 02-Jul-07
SI5504BDC VISHAY-SI5504BDC Datasheet
152Kb / 12P
   N- and P-Channel 30 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI5504BDC VISHAY-SI5504BDC Datasheet
296Kb / 16P
   N- and P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI5504BDC-T1-E3 VISHAY-SI5504BDC-T1-E3 Datasheet
150Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. A, 02-Jul-07
More results

Description similaire - SI550

FabricantNo de pièceFiches techniqueDescription
logo
Silicon image
550AD30M7200DG SILICONIMAGE-550AD30M7200DG Datasheet
114Kb / 15P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Skyworks Solutions Inc.
SI550 SKYWORKS-SI550 Datasheet
514Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI552 SKYWORKS-SI552 Datasheet
499Kb / 15P
   999900999789989DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI554 SKYWORKS-SI554 Datasheet
517Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D
SI595 SKYWORKS-SI595 Datasheet
521Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.4
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI530 SILABS-SI530 Datasheet
183Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI596 SKYWORKS-SI596 Datasheet
527Kb / 16P
   DUAL-FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.2
SI597 SKYWORKS-SI597 Datasheet
514Kb / 13P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.2
logo
Silicon Laboratories
SI552 SILABS-SI552 Datasheet
186Kb / 8P
   DUAL FREQUENCY VCXO (10 MHZ TO 1.4 GHZ)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com