Moteur de recherche de fiches techniques de composants électroniques |
|
FW32306 Fiches technique(PDF) 10 Page - Agere Systems |
|
FW32306 Fiches technique(HTML) 10 Page - Agere Systems |
10 / 92 page 10 Agere Systems Inc. FW323 06 1394a Data Sheet, Rev. 1 PCI PHY/Link Open Host Controller Interface December 2005 FW323 Functional Description (continued) Asynchronous Transmit DMA (ASYNC_TX DMA, ASYNC_TX_ADMIN) The ASYNC_TX DMA and ASYNC_TX_ADMIN blocks of the FW323 manage the asynchronous transmission of either request or response packets. The mechanism for asynchronous transmission of requests and responses is similar. The only difference is the system memory location of the buffer descriptor list when processing the two contexts. Therefore, the discussion below, which pertains to asynchronous transmit requests, parallels that of asynchronous transmit responses. The FW323 asynchronous transmission of packets involves the following steps: 1. Fetch complete buffer descriptor block from host memory. 2. Get data from system memory and store into asynchronous transmit (AT) FIFO. 3. Request transfer of data from FIFO to the link core. 4. Handle retries, if any. 5. Handle errors in steps 1 to 4. 6. End the transfer if there are no errors. Asynchronous Receive DMA (ASYNC_RX DMA, ASYNC_RX_ADMIN) The ASYNC_RX DMA and ASYNC_RX_ADMIN blocks of the FW323 manage the processing of received packets. Data packets are parsed and stored in a dedicated asynchronous receive (AR) FIFO. Command descriptors are read through the PCI interface to determine the disposition of the data arriving through the 1394 link. The header of the received packet is processed to determine, among other things, the following: 1. The type of packet received. 2. The source and destinations. 3. The data and size, if any. 4. Any required operation, for example, compare and swap operation. The asynchronous data transfer block also handles DMA transfers of SelfID packets during the 1394 bus initialization phase and block transactions associated with physical requests. Physical Request/Response DMA The Physical DMA block within the FW323 is responsi- ble for processing incoming physical requests and out- going physical responses. When an incoming asynchronous packet is received, the FW323 will pro- cess the packet automatically without software inter- vention if the packet meets a set of criteria defined within the OHCI specification. When the criteria are met, the asynchronous packet is reclassified as a phys- ical packet. Requests that do not meet the criteria remain asynchronous packets and are processed as described above in the Asynchronous Receive DMA section. Processing packets as physical requests/ responses allows the FW323 to either receive or trans- mit an asynchronous packet without the use of DMA descriptors. Instead, the FW323 directly writes or reads data to/from memory using the address defined within the packet header. Since physical packets can be pro- cessed independently of the system’s software and CPU, processing a packet as physical results in a sys- tem performance optimization. SelfID DMA The SelfID DMA block within the FW323 is responsible for receiving SelfID packets during the bus initialization process. The received SelfID packets are written into a software-defined host memory buffer. |
Numéro de pièce similaire - FW32306 |
|
Description similaire - FW32306 |