Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM80A-048L-150F16 Fiches technique(PDF) 1 Page - Astec America, Inc

No de pièce AM80A-048L-150F16
Description  240 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTEC [Astec America, Inc]
Site Internet  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AM80A-048L-150F16 Fiches technique(HTML) 1 Page - Astec America, Inc

  AM80A-048L-150F16 Datasheet HTML 1Page - Astec America, Inc AM80A-048L-150F16 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Special Features
Electrical Specs
240 Watts
AM80A
• 1MHz Fixed frequency
• 100°C Baseplate operating temperature
(no derating)
• Low output ripple and noise
• Excellent transient response
• Safety isolated low voltage interface
with ALP™ linear control
• High reliability - over 1 million hours MTBF
• Wide input voltage range
• Parallelable with accurate current sharing
• Current and temperature monitoring outputs
Operating temperature (baseplate):
-20°C to +100°C
Storage temperature: -40°C to +105°C
Overtemperature protection: 110°C typical
MTBF: > 1 million hours (50°C baseplate)
UL
UL 1950
E132002
CSA
CSA22.2-234
LR53982C
CSA22.2-950
VDE
IED950 20396-3336-1005 & 1006
EN
60950
CE
CEMark (LVD)
Input
Input Range
18 - 36V or 36 - 72 VDC
or 90 - 200 VDC or 180 - 400 VDC
Efficiency
84% typical (5V @ 40A)
87% typical (12V @ 18A)
Output
Load Regulation
0.1% typical down to no load
Line Regulation
0.02% typical
Noise/Ripple
50 mV typical (output below 5V)
1% typical (output 5V and over)
Remote sense
Up to 0.5V
Output Voltage
Adjust Range
±20% of nominal
Transient Response
3% typical deviation with 300µs recovery
(25-75% full load)
Current Share Accuracy
3% typical
Overvoltage Protection
115% Vo (nominal)
Current Limit
110% Io maximum
Control
Voltage Adjust
80 to 120% Vo linear programming
Enable
TTL compatible (low to enable)
Current Limit Adjust
20 to 100% Io linear programming
Clock Input
(external sync)
3.3 to 5.5Vp-p @ 1MHz ± 10%
Clock Output
(internal clock)
4.5Vp-p typical@ 1MHz ± 0.5%
Power Good
Identification
High (Vo) = power good
Temperature
Monitor Output
10 mV/°K (2.73V = 0°C)
Current Monitor Output
0 to 1mA (1 mA = 100% Io rated)
Over Voltage
Protection Adjust
110 to 150% Vo linear programming by
voltage or resistor
Notes
Nominal values apply with sense pins connected and other control
pins unconnected.
Specifications subject to change without notice.
Environmental
Total Power:
240 Watts
Input Voltages:
24V, 48V, 150V, 300V, or 320V
No. of Outputs:
Single
Environmental
America’s (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
54
W9959_02_DCDC_001-073_73
2/8/02
3:55 PM
Page 54


Numéro de pièce similaire - AM80A-048L-150F16

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM80188 AMD-AM80188 Datasheet
295Kb / 6P
   Magnetic Disk Controller
AM80188 AMD-AM80188 Datasheet
274Kb / 6P
   Optical Disk Controller
AM805X AMD-AM805X Datasheet
295Kb / 6P
   Magnetic Disk Controller
logo
STMicroelectronics
AM80610-030 STMICROELECTRONICS-AM80610-030 Datasheet
44Kb / 3P
   RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
logo
AMtek SEMICONDUCTORS CO...
AM8068 AMTEK-AM8068 Datasheet
482Kb / 12P
   One Channel H-Bridge Power Driver
May. 2018 V1.1
More results

Description similaire - AM80A-048L-150F16

FabricantNo de pièceFiches techniqueDescription
logo
Astec America, Inc
AK80A ASTEC-AK80A Datasheet
943Kb / 2P
   240 Watts
logo
Artesyn Technologies
AVO240-48S12-6L ARTESYN-AVO240-48S12-6L Datasheet
650Kb / 4P
   Total Power: 240 Watts
logo
Powerbox
PM150 POWERBOX-PM150 Datasheet
911Kb / 2P
   120 - 240 WATTS DC/DC SINGLE
logo
Sparkle Power Inc.
FSP240-60PLA SPI-FSP240-60PLA Datasheet
79Kb / 1P
   240 Watts Flex ATX12V Switching Power Supply
logo
Powerbox
PSC240ACR15 POWERBOX-PSC240ACR15 Datasheet
517Kb / 3P
   100 - 240 WATTS AC/DC SINGLE MULTI OUTPUT
PSC150 POWERBOX-PSC150 Datasheet
1Mb / 4P
   100 - 240 WATTS DC/DC SINGLE MULTI OUTPUT
logo
Wall Industries,Inc.
DCHBW200 WALL-DCHBW200 Datasheet
1Mb / 10P
   165 - 240 Watts, Half-Brick DC - DC Power Converters
DCHBW200 WALL-DCHBW200_18 Datasheet
1Mb / 12P
   165~240 Watts, Half-Brick DC/DC Power Converters
logo
TT Electronics.
PLO TTELEC-PLO Datasheet
374Kb / 2P
   3 watts to 15 watts
4LPW TTELEC-4LPW Datasheet
282Kb / 2P
   3 watts to 15 watts
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com