Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSPEMI204 Fiches technique(PDF) 6 Page - California Micro Devices Corp

No de pièce CSPEMI204
Description  2 Channel Headset EMI Filter with ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CALMIRCO [California Micro Devices Corp]
Site Internet  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CSPEMI204 Fiches technique(HTML) 6 Page - California Micro Devices Corp

  CSPEMI204 Datasheet HTML 1Page - California Micro Devices Corp CSPEMI204 Datasheet HTML 2Page - California Micro Devices Corp CSPEMI204 Datasheet HTML 3Page - California Micro Devices Corp CSPEMI204 Datasheet HTML 4Page - California Micro Devices Corp CSPEMI204 Datasheet HTML 5Page - California Micro Devices Corp CSPEMI204 Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
6
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com 09/28/05
CSPEMI204
Mechanical Details
CSP Mechanical Specifications
The CSPEMI204 is supplied in a custom Chip Scale
Package (CSP). Dimensions are presented below. For
complete information on CMD’s Chip Scale Package,
see the California Micro Devices CSP Package Infor-
mation document.
Package Dimensions for CSPEMI204
Chip Scale Package
CSP Tape and Reel Specifications
Figure 6. Tape and Reel Mechanical Data
PACKAGE DIMENSIONS
Package
Custom CSP
Bumps
5
Dim
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A1
0.885 0.930 0.975 0.0348 0.0366 0.0384
A2
1.365 1.410 1.455 0.0537 0.0555 0.0573
B1
0.495 0.500 0.505 0.0195 0.0197 0.0199
B2
0.245 0.250 0.255 0.0096 0.0098 0.0100
B3
0.430 0.435 0.440 0.0169 0.0171 0.0173
B4
0.430 0.435 0.440 0.0169 0.0171 0.0173
C1
0.165 0.215 0.265 0.0065 0.0085 0.0104
C2
0.220 0.270 0.320 0.0087 0.0106 0.0126
D1
0.562 0.606 0.650 0.0221 0.0239 0.0256
D2
0.356 0.381 0.406 0.0140 0.0150 0.0160
# per tape and
reel
3500 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
A
B
C
12
C1
B1
A1
DIMENSIONS IN MILLIMETERS
D1
D2
BOTTOM VIEW
SIDE
VIEW
3
B2
0.30 DIA.
63/37 Sn/Pb (Eutectic) or
SOLDER BUMPS
96.8/2.6/0.6 Sn/Ag/Cu (Lead-free)
PART NUMBER
CHIP SIZE (mm)
POCKET SIZE (mm)
B0 X A0 X K0
TAPE WIDTH
W
REEL
DIAMETER
QTY PER
REEL
P0
P1
CSPEMI204
1.41 X 0.93 X 0.606
1.52 X 1.07 X 0.72
8mm
178mm (7")
3500
4mm
4mm
Top
For tape feeder reference
Cover
Tape
P1
only including draft.
Concentric around B.
Ko
Embossment
User direction of feed
±0.2 mm
Po
Center lines
of cavity
W
10 Pitches cumulative
tolerance on tape
Ao
Bo


Numéro de pièce similaire - CSPEMI204

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CSPEMI204 ONSEMI-CSPEMI204 Datasheet
136Kb / 6P
   EMI Filter with ESD Protection
August, 2015 ??Rev. 0
More results

Description similaire - CSPEMI204

FabricantNo de pièceFiches techniqueDescription
logo
California Micro Device...
CM1414 CALMIRCO-CM1414 Datasheet
259Kb / 6P
   2 Channel Headset EMI Filter with ESD Protection
logo
ON Semiconductor
CSPEMI202AG ONSEMI-CSPEMI202AG Datasheet
230Kb / 9P
   2 Channel Headset Microphone EMI Filter with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CSPEMI201A CALMIRCO-CSPEMI201A Datasheet
607Kb / 6P
   2 Channel Headset Speaker EMI Filter with ESD Protection
CM1412 CALMIRCO-CM1412 Datasheet
281Kb / 6P
   2 Channel Headset Microphone EMI Filter with ESD Protection
CM1411 CALMIRCO-CM1411 Datasheet
373Kb / 6P
   2 Channel Headset/Speaker EMI Filter with ESD Protection
CSPEMI202A CALMIRCO-CSPEMI202A Datasheet
615Kb / 6P
   2 Channel Headset Microphone EMI Filter with ESD Protection
logo
ON Semiconductor
CSPEMI201AG ONSEMI-CSPEMI201AG Datasheet
208Kb / 9P
   2 Channel Headset Speaker EMI Filter with ESD Protection
April 2010 Rev. 3
CM1411 ONSEMI-CM1411 Datasheet
208Kb / 9P
   2-Channel Headset/Speaker EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CSPEMI205 CALMIRCO-CSPEMI205 Datasheet
695Kb / 7P
   3 Channel Headset EMI Filter with ESD Protection
CM1410 CALMIRCO-CM1410 Datasheet
493Kb / 7P
   4 Channel Headset EMI Filter with ESD Protection
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com