Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS25LB-21 Fiches technique(PDF) 2 Page - Total Power International

No de pièce TPS25LB-21
Description  TP25LB SWITCHING MODE 25W LOW COST
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOTAL-POWER [Total Power International]
Site Internet  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS25LB-21 Fiches technique(HTML) 2 Page - Total Power International

  TPS25LB-21 Datasheet HTML 1Page - Total Power International TPS25LB-21 Datasheet HTML 2Page - Total Power International TPS25LB-21 Datasheet HTML 3Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPS25LB
SWITCHING MODE 25W LOW COST BOX TYPE
MODEL
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
MAXIMUM OUTPUT
CURRENT
PEAK OUTPUT
CURRENT(NOTE1)
MINIMUM OUTPUT
CURRENT
TOTAL
REGULATION(NOTE3)
RIPPLE & NOISE
%P-P(NOTE2)
PEAK OUTPUT
POWER(NOTE1)
SI NGLE OUTPUT MODEL SELECTION CHART
TPS25LB-10
+5V
±
10% Typical
5A
6.5A
0A
±
3%
±
1%
33W Typical
TPS25LB-11
+12V
±
10% Typical
2.08A
2.7A
0A
±
3%
±
1%
33W Typical
TPS25LB -12
+15V
±
10% Typical
1.66A
2.1A
0A
±
3%
±
1%
33W Typical
TPS25LB -13
+24V
±
10% Typical
1.04A
1.3A
0A
±
3%
±
1%
33W Typical
TPS25LB -14
+48V
±
10% Typical
0.52A
0.6A
0A
±
3%
±
1%
33W Typical
TPS25LB -15
+3.3V
±
10% Typical
5A
6.5A
0A
±
5%
±
1.5%
22W Typical
DUAL OUTPUT MODEL SELECTION CHART
+5 V
±
10% Typical
3.75A
4.8A
0.38A
±
5%
±
1%
TPS25LB -20
+12V
Fixed
0.58A
0.7A
0.06A
±
5%
±
1%
33W Typical
+5 V
±
10% Typical
3.75A
4.8A
0.38A
±
5%
±
1%
TPS25LB -21
+24V
Fixed
0.34A
0.2A
0.03A
±
5%
±
1%
33W Typical
+5 V
±
10% Typical
3.75A
4.8A
0.38A
±
5%
±
1%
TPS25LB -22
- 5V
Fixed
1.25A
1.6A
0.13A
±
10%
±
1%
33W Typical
+12V
±
10% Typical
1.08A
1.4A
0.11A
±
5%
±
1%
TPS25LB -23
- 12V
Fixed
1.08A
1.4A
0.11A
±
10%
±
1%
33W Typical
+15V
±
10% Typical
0.83A
1.0A
0.08A
±
5%
±
1%
TPS25LB -24
- 15V
Fixed
0.83A
1.0A
0.08A
±
10%
±
1%
33W Typical
+3.3V
±
10% Typical
5A
6.5A
0.5A
±
5%
±
1.5%
TPS25LB -25
+5V
Fixed
2A
2.6A
0.2A
±
5%
±
1%
33W Typical
+5V
±
10% Typical
1A
1.0A
0.1A
±
5%
±
1%
TPS25LB -26
+48V
Fixed
0.5A
1.0A
0.05A
±
10%
±
1%
33W Typical
TRIPLE OUTPUT MODEL SELECTION CHART
+ 5V
±
10% Typical
3.33A
4.3A
0.33A
±
5%
±
1%
+12V
Fixed
0.42A
0.5A
0.04A
±
5%
±
1%
TPS25LB -30
- 5 V
Fixed
0.83A
1.0A
0.08A
±
10%
±
1%
33W Typical
+ 5V
±
10% Typical
3.33A
4.3A
0.33A
±
5%
±
1%
+12V
Fixed
0.42A
0.5A
0.04A
±
5%
±
1%
TPS25LB -31
-12V
Fixed
0.33A
0.4A
0.03A
±
10%
±
1%
33W Typical
+ 5V
±
10% Typical
3.33A
4.3A
0.33A
±
5%
±
1%
+15V
Fixed
0.33A
0.4A
0.03A
±
5%
±
1%
TPS25LB -32
-15V
Fixed
0.33A
0.4A
0.03A
±
10%
±
1%
33W Typical
+5V
±
10% Typical
2.5A
3.2A
0.25A
±
5%
±
1%
-5V
Fixed
0.83A
1.0A
0.08A
±
5%
±
1%
TPS25LB -33
+15V
Fixed
0.58A
0.7A
0.06A
±
10%
±
1%
33W Typical
+ 5V
±
10% Typical
2.5A
3.2A
0.25A
±
5%
±
1%
-12V
Fixed
0.4A
0.5A
0.04A
±
5%
±
1%
TPS25LB -34
+15V
Fixed
0.5A
0.6A
0.05A
±
10%
±
1%
33W Typical
+ 5V
±
10% Typical
2.5A
3.2A
0.25A
±
5%
±
1%
-12V
Fixed
0.42A
0.5A
0.04A
±
5%
±
1%
TPS25LB -35
+24V
Fixed
0.33A
0.4A
0.03A
±
10%
±
1%
33W Typical
+ 5V
±
10% Typical
1A
3.2A
0.1A
±
5%
±
1%
+12V
Fixed
1.5A
2.0A
0.15A
±
5%
±
1%
TPS25LB -36
-12V
Fixed
0.4A
0.5A
0.04A
±
10%
±
1%
33W Typical
+5V
±
10% Typical
2.5A
3.2A
0.25A
±
5%
±
1%
+12V
Fixed
0.42A
0.5A
0.04A
±
5%
±
1%
TPS25LB -37
+24V
Fixed
0.33A
0.4A
0.03A
±
10%
±
1%
33W Typical
+5V
±
10% Typical
1.67A
2.1A
0.17A
±
5%
±
1%
+12V
Fixed
0.83A
1.1A
0.08A
±
5%
±
1%
TPS25LB -38
+48V
Fixed
0.17A
0.2A
0.02A
±
10%
±
1%
33W Typical
NOTES: 1) Peak loads for lasting <30 seconds with a maximum 10% duty cycle are acceptable. Please contact us if need special peak load.
2) Maximum peak to peak noise expressed as a percentage of output voltage, 20MHz bandwidth,0.1μF and 47μF Cap. on outputs.
3) Loading test conditions are set for all outputs at minimum, middle and maximum of loads. Special cross loading requirement is welcomed.
4) Detailed engineering specification of each model is available for inquiry.
5) Special output voltage/current inquiry is welcomed.
6) Specifications subject to change without notice.
TOTAL POWER, INT.
TEL: 877-646-0900
FAX: 978-453-7395
E-mail: sales@total-power.com
http://www.total-power.com
-2-
TOTAL POWER


Numéro de pièce similaire - TPS25LB-21

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
TPS25LB-21 TOTAL-POWER-TPS25LB-21 Datasheet
238Kb / 2P
   Universal input
More results

Description similaire - TPS25LB-21

FabricantNo de pièceFiches techniqueDescription
logo
CINCON ELECTRONICS Corp...
TRH25 CINCON-TRH25 Datasheet
238Kb / 2P
   25W SWITCHING ADAPTER
TRE25 CINCON-TRE25 Datasheet
284Kb / 2P
   25W SWITCHING ADAPTER
TRE25RD CINCON-TRE25RD Datasheet
387Kb / 2P
   25W SWITCHING ADAPTER
TRE25R CINCON-TRE25R Datasheet
355Kb / 2P
   25W SWITCHING ADAPTER
logo
Total Power Internation...
TPS60LB TOTAL-POWER-TPS60LB Datasheet
398Kb / 4P
   SWITCHING MODE 60W LOW COST BOX TYPE POWER SUPPLY
TPS40LB TOTAL-POWER-TPS40LB Datasheet
275Kb / 3P
   SWITCHING MODE 40W LOW COST BOX TYPE POWER SUPPLY
logo
Maxim Integrated Produc...
MAX1953EVKIT MAXIM-MAX1953EVKIT Datasheet
174Kb / 7P
   Low-Cost Current-Mode Controllers
Rev 0; 10/05
logo
Astrodyne Corporation
RS-25 ASTRODYNE-RS-25 Datasheet
363Kb / 2P
   25W Single Output Switching Power Supply
logo
RSG Electronic Componen...
PD-25 RSG-PD-25 Datasheet
221Kb / 2P
   25W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
S-25 MEANWELL-S-25_10 Datasheet
427Kb / 2P
   25W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com