Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HSU393 Fiches technique(PDF) 2 Page - Total Power International

No de pièce HSU393
Description  DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE & EXTENDED EUROCARD 400 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES HSU393 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOTAL-POWER [Total Power International]
Site Internet  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

HSU393 Fiches technique(HTML) 2 Page - Total Power International

  HSU393 Datasheet HTML 1Page - Total Power International HSU393 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE/CURRENT RATINGS CHART
QUAD OUTPUT
MAIN VO1
@#
AUX. VO2 @▲#
AUX. VO3 @▲#
AUX. VO4 #
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
HSU393-Q050KKE
(HSU393-41)
60.0A
+5.0V
3.0A
15.0V
1.5A
15.0V
5.0A
5.0V
HSU393-Q050MII
60.0A
+5.0V
2.5A
24.0V
2.0A
12.0V
1.0A
12.0V
HSU393-Q050DII
60.0A
+5.0V
15.0A
3.3V
2.0A
12.0V
1.0A
12.0V
HSU393-Q050DMI
60.0A
+5.0V
15.0A
3.3V
1.0A
24.0V
1.0A
12.0V
HSU393-Q033EII
60.0A
+3.3V
15.0A
5.0V
2.0A
12.0V
1.0A
12.0V
HEPTAD OUTPUT
MAIN VO1
@# AUX. VO2 @▲#
Main VO3 @#
AUX. VO4 @▲
AUX. VO5 @▲
AUX. VO6 ●
AUX. VO7 ●
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
HSU393-J050EEEHKK
45.0A
5.0V
10.0A
5.0V
10.0A
5.0V
4.0A
5.0V
3.0A
10.0V
1.0A
15.0V
0.5A
15.0V
HSU393-J050IDEIKK
45.0A
5.0V
4.0A
12.0V
12.0A
3.3V
4.0A
5.0V
3.0A
12.0V
1.0A
15.0V
0.5A
15.0V
Symbol: " " OVP built-in. "@" Adjustable. "#" Remote sensing. . "▲" Magnetic Amplifier. "●" Installed with Post Regulator.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: HSU393-Q 2.52kg (5.56 lb.)
HSU393-J 3.20kg (7.05lb.)
HSU393-Q
PIN ASSIGNMENT
ASSIGNMENT
PIN NO.
AC-L
P1-28
AC-N
P1-30
AC-G
P1-32
VO1(+)
P1-4,6,8
VO1(-)
P1-10,12,14
VO2(+)
P1-20
VO2(-)
P1-22
VO3(+)
P1-16
VO3(-)
P1-18
VO4(+)
P1-24
VO4(-)
P1-26
VO1(+)Sense
P2-29a
VO1(-)Sense
P2-30a
VO2(+)Sense
P2-25a,P2-25b
VO2(-)Sense
P2-26a
VO3(+)Sense
P2-27a,P2-27b
VO3(-)Sense
P2-28a,P2-28b
VO4(+)Sense
P2-31a
VO4(-)Sense
P2-32a,P2-32b
Power Fail (E)
P2-1a,P2-1b
Power Fail (C)
P2-2a
Mating connector: DIN 41612-H15 Female
PIN ASSIGNMENT
ASSIGNMENT
PIN NO.
I/P AC-L
P1-L
I/P AC-N
P1-N
I/P AC-G
P1-G
O/P AC-L
P2-L
O/P AC-N
P2-N
O/P AC-G
P2-G
VO1(+)
P3-20,22,24,26,28,
30,32(D,B,Z)
DC COM
P3-2,4,6,8,10,12,
14,16(D,B,Z)
VO1(+)Sense
P3-18D
VO1(-)Sense
P3-18B
VO2(+)
P4-6,8,10(D,B,Z)
DC COM
P4-2,4,22,30,32
(D,B,Z)
VO2(+)Sense
P4-10Z
VO2(-)Sense
P4-12D
VO3
P4-26,28(D,B,Z)
VO3(+)Sense
P4-24Z
VO3(-)Sense
P4-24B
VO4
P4-16B,P4-16Z
VO5
P4-12B,P4-12Z
VO6
P4-18B,P4-18Z
VO7
P4-20B,P4-20Z
INH.
P4-14D
PF
P4-20D
HSU393-J


Numéro de pièce similaire - HSU393

FabricantNo de pièceFiches techniqueDescription
logo
HITRON ELECTRONICS CORP...
HSU393 HITRON-HSU393 Datasheet
584Kb / 2P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE & EXTENDED EUROCARD 400 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES
HSU393-41 HITRON-HSU393-41 Datasheet
584Kb / 2P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE & EXTENDED EUROCARD 400 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES
HSU393-J050EEEHKK HITRON-HSU393-J050EEEHKK Datasheet
584Kb / 2P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE & EXTENDED EUROCARD 400 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES
HSU393-J050IDEIKK HITRON-HSU393-J050IDEIKK Datasheet
584Kb / 2P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE & EXTENDED EUROCARD 400 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES
HSU393-Q033EII HITRON-HSU393-Q033EII Datasheet
584Kb / 2P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE & EXTENDED EUROCARD 400 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com