Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HES06B Fiches technique(PDF) 2 Page - Total Power International

No de pièce HES06B
Description  AC TO DC EXTERNAL WALLMOUNT ADAPTER 2-BLADE USA OR JAPAN AC PLUG SINGLE OUTPUT 6 WATTS SWITCHING POWER SUPPLIES HES06B SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOTAL-POWER [Total Power International]
Site Internet  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

HES06B Fiches technique(HTML) 2 Page - Total Power International

  HES06B Datasheet HTML 1Page - Total Power International HES06B Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL NO. DESCRIPTION: HES06 B- S XXX YYY – S
10/17/2002
INPUT AC PLUG: [1] WM1:JAPAN USA TYPE
OUTPUT CURRENT
OUTPUT VOLTAGE
SINGLE OUTPUT
INPUT VOLTAGE “1”: 90-132Vac,.
SERIES NAME (Hitron External Switcher): About 6W.
OUTPUT VOLTAGE/CURRENT RATINGS CHART
SINGLE OUTPUT
MODEL NO.
AC INPUT
AC PLUG
O/P VOLTAGE
O/P CURRENT
HES06B-S033120
90-123VAC
WM1
3.3V
1.2A
HES06B-S050120
90-123VAC
WM1
5.0V
1.2A
HES06B-S060100
90-123VAC
WM1
6.0V
1.0A
HES06B-S090060
90-123VAC
WM1
9.0V
0.6A
HES06B-S120050
90-123VAC
WM1
12.0V
0.5A
HES06B-S150040
90-123VAC
WM1
15.0V
0.4A
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 113g(4.0Oz.)


Numéro de pièce similaire - HES06B

FabricantNo de pièceFiches techniqueDescription
logo
Power-One
HES063ZC-A POWER-ONE-HES063ZC-A Datasheet
1Mb / 3P
   HES SERIES 150 WATT
HES066ZE-A POWER-ONE-HES066ZE-A Datasheet
1Mb / 3P
   HES SERIES 150 WATT
More results

Description similaire - HES06B

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
TPES09 TOTAL-POWER-TPES09 Datasheet
344Kb / 2P
   AC TO DC EXTERNAL WALLMOUNT ADAPTOR 2-BLADE USA OR EURO-STECKER AC PLUG SINGLE OUTPUT 9-10 WATTS SWITCHING POWER SUPPLIES TPES09 SERIES
logo
HITRON ELECTRONICS CORP...
HES12 HITRON-HES12 Datasheet
300Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE OUTPUT 12 WATTS SWITCHING POWER SUPPLIES
HES16B HITRON-HES16B Datasheet
256Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER USA OR EUROPEAN INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
HER-35 HITRON-HER-35 Datasheet
229Kb / 2P
   AC/DC EXTERNAL REGULATED WALLMOUNT ADAPTER 2-BLADE USA AND EURO-STECKER AC PLUG SINGLE OUTPUT 1.6-3.6 WATTS LINEAR POWER SUPPLIES
HES10 HITRON-HES10 Datasheet
364Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES
HLG10 HITRON-HLG10 Datasheet
277Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER 2-BLADE AND EUROPEAN AC PLUG SINGLE OUTPUT 5-10 WATTS LOW LEAKAGE & GREEN POWER SWITCHING POWER SUPPLIES
HES25 HITRON-HES25 Datasheet
317Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 20-36 WATTS SWITCHING POWER SUPPLIES
HEG24 HITRON-HEG24 Datasheet
339Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 24 WATTS GREEN POWER SWITCHING POWER SUPPLIES
HES18 HITRON-HES18 Datasheet
330Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
HER-48 HITRON-HER-48 Datasheet
376Kb / 2P
   AC/DC EXTERNAL REGULATED WALLMOUNT & DESKTOP ADAPTER DIVERSE AC PLUGS SINGLE OUTPUT 6.0-13.0 WATTS LINEAR POWER SUPPLIES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com