Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS9068-CKAE3 Fiches technique(PDF) 3 Page - Gennum Corporation

No de pièce GS9068-CKAE3
Description  SD SDI Cable Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9068-CKAE3 Fiches technique(HTML) 3 Page - Gennum Corporation

  GS9068-CKAE3 Datasheet HTML 1Page - Gennum Corporation GS9068-CKAE3 Datasheet HTML 2Page - Gennum Corporation GS9068-CKAE3 Datasheet HTML 3Page - Gennum Corporation GS9068-CKAE3 Datasheet HTML 4Page - Gennum Corporation GS9068-CKAE3 Datasheet HTML 5Page - Gennum Corporation GS9068-CKAE3 Datasheet HTML 6Page - Gennum Corporation GS9068-CKAE3 Datasheet HTML 7Page - Gennum Corporation GS9068-CKAE3 Datasheet HTML 8Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
GENNUM CORPORATION
22213 - 2
3 of 8
1. PIN OUT
1.1 PIN ASSIGNMENT
1.2 PIN DESCRIPTIONS
PIN
NUMBER
NAME
TYPE
DESCRIPTION
1,2
SDI, SDI
Input
Serial digital differential input.
3VEE
Input
Power
Most negative power supply connection - connect to GND.
4RSET
Input
External output amplitude control resistor.
5VCC
Input
Power
Most positive power supply connection - connect to +3.3V.
6
NC
-
No Connect.
7,8
SDO, SDO
Output
Serial digital differential output.
SDI
SDI
VEE
RSET
SDO
SDO
NC
VCC
1
2
3
4
8
7
6
5
GS9068
8 PIN SOIC
TOP VIEW


Numéro de pièce similaire - GS9068-CKAE3

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS9068-CKAE3 GENNUM-GS9068-CKAE3 Datasheet
445Kb / 11P
   SD SDI Cable Driver
More results

Description similaire - GS9068-CKAE3

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS9068 GENNUM-GS9068_10 Datasheet
445Kb / 11P
   SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302 NSC-LMH0302_08 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
[Old version datasheet]   3Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Gennum Corporation
GS9077 GENNUM-GS9077 Datasheet
278Kb / 14P
   HD-LINX III SD-SDI Cable Driver
logo
Texas Instruments
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver
logo
M/A-COM Technology Solu...
M21202 MA-COM-M21202 Datasheet
102Kb / 2P
   SD-SDI Broadcast Video Co-axial Cable Driver
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
   3G/HD/SD-SDI Low Power Cable Driver
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Driver
logo
National Semiconductor ...
LMH0303 NSC-LMH0303 Datasheet
292Kb / 14P
   3 Gbps HD/SD SDI Cable Driver with Cable Detect
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com