Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS9064ACKDE3 Fiches technique(PDF) 5 Page - Gennum Corporation

No de pièce GS9064ACKDE3
Description  GS9064A HD-LINX짰 II Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9064ACKDE3 Fiches technique(HTML) 5 Page - Gennum Corporation

  GS9064ACKDE3 Datasheet HTML 1Page - Gennum Corporation GS9064ACKDE3 Datasheet HTML 2Page - Gennum Corporation GS9064ACKDE3 Datasheet HTML 3Page - Gennum Corporation GS9064ACKDE3 Datasheet HTML 4Page - Gennum Corporation GS9064ACKDE3 Datasheet HTML 5Page - Gennum Corporation GS9064ACKDE3 Datasheet HTML 6Page - Gennum Corporation GS9064ACKDE3 Datasheet HTML 7Page - Gennum Corporation GS9064ACKDE3 Datasheet HTML 8Page - Gennum Corporation GS9064ACKDE3 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
GS9064A Data Sheet
37325 - 0
December 2005
5 of 16
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Electrical Characteristics
Parameter
Value
Supply Voltage
-0.5V to +3.6 VDC
Input ESD Voltage
2kV
Storage Temperature Range
-50°C < Ts < 125°C
Input Voltage Range (any input)
-0.3 to (VCC +0.3)V
Operating Temperature Range
0°C to 70°C
Reflow Temperature
260°C
Table 2-1: DC Electrical Characteristics
VDD = 3.3V, TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Supply Voltage
VCC
3.135
3.3
3.465
V
±5%
Power Consumption
PD
TA = 25°C
265
mW
Supply Current
I
s
TA = 25°C
80
mA
Output Common Mode
Voltage
VCMOUT
TA = 25°C
VCC - ΔVSDO/2
V
Input Common Mode Voltage
VCMIN
TA = 25°C
1.75
V
CLI DC Voltage (0m)
TA = 25°C
2.5
V
CLI DC Voltage (no signal)
TA = 25°C
1.9
V
MCLADJ DC Voltage (to mute
signal)
–0m, TA = 25°C
1.3
V
MCLADJ Range
TA = 25°C
0.4
V
CD/MUTE Output Voltage
VCD/MUTE(OH)
Carrier not
present
2.4
V
VCD/MUTE(OL)
Carrier present
0.4
V


Numéro de pièce similaire - GS9064ACKDE3

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS9064 GENNUM-GS9064 Datasheet
202Kb / 10P
   GS9064 SD SDI Adaptive Cable Equalizer
GS9064-CKD GENNUM-GS9064-CKD Datasheet
202Kb / 10P
   GS9064 SD SDI Adaptive Cable Equalizer
GS9064-CKDE3 GENNUM-GS9064-CKDE3 Datasheet
202Kb / 10P
   GS9064 SD SDI Adaptive Cable Equalizer
More results

Description similaire - GS9064ACKDE3

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
GS1574A SEMTECH-GS1574A Datasheet
1Mb / 16P
   HD-LINX짰 II Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS2974A GENNUM-GS2974A Datasheet
618Kb / 16P
   HD-LINX III Adaptive Cable Equalizer
GS2974B GENNUM-GS2974B Datasheet
703Kb / 17P
   HD-LINX III Adaptive Cable Equalizer
logo
Semtech Corporation
GS2974A SEMTECH-GS2974A Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
GS2974B SEMTECH-GS2974B Datasheet
703Kb / 17P
   HD-LINX??III Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com