Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS9064-CKD Fiches technique(PDF) 9 Page - Gennum Corporation

No de pièce GS9064-CKD
Description  GS9064 SD SDI Adaptive Cable Equalizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9064-CKD Fiches technique(HTML) 9 Page - Gennum Corporation

Back Button GS9064-CKD Datasheet HTML 2Page - Gennum Corporation GS9064-CKD Datasheet HTML 3Page - Gennum Corporation GS9064-CKD Datasheet HTML 4Page - Gennum Corporation GS9064-CKD Datasheet HTML 5Page - Gennum Corporation GS9064-CKD Datasheet HTML 6Page - Gennum Corporation GS9064-CKD Datasheet HTML 7Page - Gennum Corporation GS9064-CKD Datasheet HTML 8Page - Gennum Corporation GS9064-CKD Datasheet HTML 9Page - Gennum Corporation GS9064-CKD Datasheet HTML 10Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
GENNUM CORPORATION
22212 - 2
9 of 10
When used as an OUTPUT, the CD/Mute pin will provide an
indication of the output mute status. The CD/Mute voltage
will fall to below 1.2V when the carrier is present and the
data outputs are active.
NOTE: The CD/Mute pin is not functional in BYPASS mode.
4.
APPLICATION REFERENCE DESIGN
4.1
PCB LAYOUT
An FR-4 dielectric can be used, however, controlled
impedance transmission lines are required for PCB traces
longer than approximately 1cm. Note the following PCB
artwork features used to optimize performance:
1. The PCB ground plane is removed under the GS9064
input AND output components to minimize parasitic
capacitance.
2. High speed traces are curved to minimize impedance
changes.
4.2
TYPICAL APPLICATION CIRCUIT
5.
REFERENCES
Compliant with SMPTE 259M and SMPTE 344.
6.4n
10n
BYPASS
MCLADJ
75
SDO
BNC
VCC
CLI
1u
10n
75
4u7
4u7
GS9064
4
5
16
6
2
12
13
3
11
14
15
8
+
+
+
9
10
1
7
SDI
SDI
CD/MUTE
VEE
VCC
SDO
SDO
VEE
VEE
VEE
VCC
AGC-
BYPASS
MCLADJ
CLI
AGC+
1u
SDO
CD/MUTE
37.4
1u
VCC
NOTE: All resistors in Ohms, capacitors in Farads,
and inductors in Henrys, unless otherwise noted.


Numéro de pièce similaire - GS9064-CKD

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS9064A GENNUM-GS9064A Datasheet
320Kb / 16P
   GS9064A HD-LINX짰 II Adaptive Cable Equalizer
GS9064ACKDE3 GENNUM-GS9064ACKDE3 Datasheet
320Kb / 16P
   GS9064A HD-LINX짰 II Adaptive Cable Equalizer
More results

Description similaire - GS9064-CKD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com