Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS9015B Fiches technique(PDF) 3 Page - Gennum Corporation

No de pièce GS9015B
Description  GENLINX-TM GS9015B Serial Digital Reclocker
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9015B Fiches technique(HTML) 3 Page - Gennum Corporation

  GS9015B Datasheet HTML 1Page - Gennum Corporation GS9015B Datasheet HTML 2Page - Gennum Corporation GS9015B Datasheet HTML 3Page - Gennum Corporation GS9015B Datasheet HTML 4Page - Gennum Corporation GS9015B Datasheet HTML 5Page - Gennum Corporation GS9015B Datasheet HTML 6Page - Gennum Corporation GS9015B Datasheet HTML 7Page - Gennum Corporation GS9015B Datasheet HTML 8Page - Gennum Corporation GS9015B Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3 of 13
32467 - 0
NOT
RECOMMENDED
FOR
NEW
DESIGNS
The GS9015B Reclocking Receiver is a bipolar integrated
circuit containing
circuitry necessary to re-clock and
regenerate the NRZI serial data stream.
Packaged in a 28 pin PLCC, the receiver operates from a
single five volt supply at data rates to 400 Mb/s. Typical power
consumption is 330 mW. Typical output jitter is ±100 ps
at 270 Mb/s.
Serial Digital signals are applied to digital inputs DDI and DDI
(pins 5,6).
tD
SERIAL
DATA OUT
(SD0)
50%
SERIAL
CLOCK OUT
(SCK)
tD
50%
Phase Locked Loop
The phase comparator itself compares the position of
transitions in the incoming signal with the phase of the local
oscillator (VCO). The error-correcting output signals are fed
to the charge pump in the form of short pulses. The charge
pump converts these pulses into a “charge packet” which is
accurately proportional to the system phase error.
The charge packet is then integrated by the second-order
loop filter to produce a control voltage for the VCO.
During periods when there are no transitions in the signal, the
loop filter voltage is required to hold precisely at its last value
so that the VCO does not drift significantly between corrections.
Commutating diodes in the charge pump keep the output
leakage current extremely low, minimizing VCO frequency
drift.
The VCO is implemented using a current-controlled
multivibrator, designed to deliver good stability, low phase
noise and wide operating frequency capability. The frequency
range is design-limited to ±10% about the oscillator centre
frequency.
Fig.1 Waveforms
VCO Centre Frequency Selection
The centre frequency of the VCO is set by one of four external
current reference resistors (RVCO0-RVCO3) connected to
pins 13,14,15 or 17. These are selected by two logic inputs
SS0 and SS1 (pins 20, 21) through a 2:4 decoder according
to the following truth table.
SS1
SS0
Resistor Selected
0
0
RVCO0 (13)
0
1
RVCO1 (14)
1
0
RVCO2 (15)
1
1
RVCO3 (17)
As an alternative, the GS9010A Automatic Tuning Sub-system
and the GS9000B or GS9000S Decoder may be used in
conjunction with the GS9015B to obtain adjustment free and
automatic standard select operation (see Figure17).
With the VCO operating at twice the clock frequency, a clock
phase which is centred on the eye of the locked signal is used
to latch the incoming data, thus maximising immunity to
jitter-induced errors. The alternate phase is used to latch the
output re-clocked data SDO and SDO (pins 25, 24). The true
and inverse clock signals themselves are available from the
SCO and SCO pins 23 and 22.
GS9015B Reclocking Receiver - Detailed Device Description


Numéro de pièce similaire - GS9015B

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS9015A GENNUM-GS9015A Datasheet
138Kb / 13P
   Serial Digital Reclocker
GS9015ACPJ GENNUM-GS9015ACPJ Datasheet
138Kb / 13P
   Serial Digital Reclocker
GS9015ACTJ GENNUM-GS9015ACTJ Datasheet
138Kb / 13P
   Serial Digital Reclocker
More results

Description similaire - GS9015B

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
GS9002A GENNUM-GS9002A Datasheet
462Kb / 11P
   GENLINX-TM GS9002A Serial Digital Encoder
GS9000D GENNUM-GS9000D Datasheet
151Kb / 9P
   GENLINX II -TM GS9000D Serial Digital Decoder
GS9004D GENNUM-GS9004D Datasheet
66Kb / 4P
   GENLINX-TM GS9004D Serial Digital Cable Equalizer
GS9035A GENNUM-GS9035A Datasheet
239Kb / 14P
   Serial Digital Reclocker
GS9015A GENNUM-GS9015A Datasheet
138Kb / 13P
   Serial Digital Reclocker
GS9020A GENNUM-GS9020A Datasheet
401Kb / 31P
   GENLINX -TM II GS9020A Serial Digital Video Input Processor
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com