Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS8000 Fiches technique(PDF) 1 Page - Gennum Corporation

No de pièce GS8000
Description  DVI / HDMI Extender
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS8000 Fiches technique(HTML) 1 Page - Gennum Corporation

  GS8000 Datasheet HTML 1Page - Gennum Corporation GS8000 Datasheet HTML 2Page - Gennum Corporation GS8000 Datasheet HTML 3Page - Gennum Corporation GS8000 Datasheet HTML 4Page - Gennum Corporation GS8000 Datasheet HTML 5Page - Gennum Corporation GS8000 Datasheet HTML 6Page - Gennum Corporation GS8000 Datasheet HTML 7Page - Gennum Corporation GS8000 Datasheet HTML 8Page - Gennum Corporation GS8000 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.gennum.com
GS8000
DVI / HDMI Extender
GS8000 Data Sheet
Proprietary and Confidential
25544 - 3
May 2005
1 of 16
Key Features
extends cable length of the TMDS and DDC channels of
a DVI or HDMI link
DVI 1.0-compliant and HDMI 1.1-compliant input and
output signalling
one device supports a complete single link DVI 1.0 or
HDMI interface (two devices for a dual link DVI interface)
operational at TMDS rates from 252Mb/s to 1.65Gb/s
supports display resolutions up to UXGA at 60Hz in 24-bit
true colour pixel format
integrated user-tunable input termination resistors
automatic identification of link inactivity with carrier detect
output
output signal swing adjustable from 200mV to 2000mV
differential into 100
Ω load
output enable function
superior noise immunity
small footprint (44-pin QFN)
Applications
A DVI or HDMI input that will only be connected to a DVI
output with launch amplitude between 800mV and
1200mV differential. Since many DVI graphics cards
transmit at amplitudes outside this range, the GS8000
is not recommended for a generic DVI input.
Description
The GS8000 is Gennum’s DVI 1.0-compliant and HDMI
1.1-compliant automatic cable extender. When used in
front of a DVI/HDMI receiver, it produces a receive
solution with longer cable length. A DVI link of 20 to 30
metres at UXGA 60Hz (162Mb/s) can be realized with
the GS8000 provided the DVI transmitter is within the
DVI specification for jitter and voltage swing and that
high quality DVI cable is used.
The GS8000 contains an Output Enable input and
Carrier Detect output to allow for auto muting of the
clock and data outputs upon link inactivity.
Excellent power supply and common mode noise
rejection is employed to ensure robust operation in
noisy environments. The differential outputs are
adjustable and compatible with the DVI 1.0 and
HDMI 1.1 receiver specifications for input common
mode voltage and swing.
The GS8000 is designed in a CMOS process requiring
a 3.3V power supply. The analog I/O and digital core
power supply voltages may be individually provided.
GS8000 Functional Block Diagram
RXC
RXC
RX1
RX1
RX0
RX0
RX2
RX2
TX2
TX2
TX1
TX1
TX0
TX0
TXC
TXC
SCDT
Signal Monitor
& Control
DDC_SDA
DDC_SCL
OE
LONG REACH
TMDS
LONG REACH
DDC
LONG REACH
TMDS
LONG REACH
TMDS
LONG REACH
TMDS


Numéro de pièce similaire - GS8000

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
GS8000 ETC1-GS8000 Datasheet
4Mb / 4P
   Increase package design flexibility while maintaining electrical integrity
GS8000-03X ETC1-GS8000-03X Datasheet
4Mb / 4P
   Increase package design flexibility while maintaining electrical integrity
GS8000-063 ETC1-GS8000-063 Datasheet
4Mb / 4P
   Increase package design flexibility while maintaining electrical integrity
GS8000-095 ETC1-GS8000-095 Datasheet
4Mb / 4P
   Increase package design flexibility while maintaining electrical integrity
GS8000-126 ETC1-GS8000-126 Datasheet
4Mb / 4P
   Increase package design flexibility while maintaining electrical integrity
More results

Description similaire - GS8000

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX3816A MAXIM-MAX3816A Datasheet
349Kb / 18P
   I2C 2-Wire Extender for DDC in DVI, HDMI, and VGA Interfaces
19-4109; Rev 0; 7/08
logo
National Semiconductor ...
DS16EV51-AEVKH NSC-DS16EV51-AEVKH_14 Datasheet
203Kb / 7P
   HDMI Extender Demo Kit for HDMI Cables
logo
Tripp Lite. All Rights ...
P132-000 TRIPPLITE-P132-000 Datasheet
168Kb / 2P
   DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
   HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
   HDMI/DVI TMDS Equalizer
REV. 0
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
   HDMI/DVI TMDS Equalizer
logo
List of Unclassifed Man...
ASM1442 ETC2-ASM1442 Datasheet
366Kb / 18P
   HDMI/DVI Level Shifter
logo
Tripp Lite. All Rights ...
P130000 TRIPPLITE-P130000 Datasheet
504Kb / 2P
   HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132000 TRIPPLITE-P132000 Datasheet
501Kb / 2P
   DVI to HDMI Cable Adapter (DVI-D to HDMI F-M)
logo
Level One
HVE-9005 LVL1-HVE-9005 Datasheet
863Kb / 3P
   HDMI over Cat.5 Extender kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com