Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS1578A Fiches technique(PDF) 11 Page - Gennum Corporation

No de pièce GS1578A
Description  GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1578A Fiches technique(HTML) 11 Page - Gennum Corporation

Back Button GS1578A Datasheet HTML 7Page - Gennum Corporation GS1578A Datasheet HTML 8Page - Gennum Corporation GS1578A Datasheet HTML 9Page - Gennum Corporation GS1578A Datasheet HTML 10Page - Gennum Corporation GS1578A Datasheet HTML 11Page - Gennum Corporation GS1578A Datasheet HTML 12Page - Gennum Corporation GS1578A Datasheet HTML 13Page - Gennum Corporation GS1578A Datasheet HTML 14Page - Gennum Corporation GS1578A Datasheet HTML 15Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
GS1578A Data Sheet
33657 - 4
March 2006
11 of 15
4.3 Output Return Loss Measurement
To perform a practical return loss measurement, it is necessary to force the
GS1578A output to a DC high or low condition. The actual measured return loss
will be based on the outputs being static at VCC or VCC-1.6V. Under normal
operating conditions the outputs of the device swing between VCC-0.4V and
VCC-1.2V, so the measured value of return loss will not represent the actual
operating return loss.
A simple method of calculating the values of actual operating return loss is to
interpolate the two return loss measurements. In this way, the values of return loss
are estimated at VCC-0.4V and VCC-1.2V based on the measurements at VCC and
VCC-1.6V.
The two values of return loss (high and low) will typically differ by several decibels.
If the measured return loss is RH for logic high and RL for logic low, then the two
values can be interpolated as follows:
RIH = RH- (RH-RL)/4 and
RIL = RL+(RH-RL)/4
where RIH is the interpolated logic high value and RIL is the interpolated logic low
value.
For example, if RH = -18dB and RL = -14dB, then the interpolated values are
RIH = -17dB and RIL = -15dB.
4.4 Output Amplitude (RSET)
The output amplitude of the GS1578A is set to 800mVp-p with a tolerance of ±7%
using an RSET resistor of 750
Ω. A ±1% SMT resistor should be used.
The RSET resistor is part of the high speed output circuit of the GS1578A. The
resistor should be placed as close as possible to the RSET pin. In addition, the PCB
capacitance should be minimized at this node by removing the PCB groundplane
beneath the RSET resistor and the RSET pin.
NOTE: Only an RSET value of 750Ω ±1% should be used. Using other values for
RSET is not recommended.


Numéro de pièce similaire - GS1578A

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS1578A GENNUM-GS1578A Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578ACNE3 GENNUM-GS1578ACNE3 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
More results

Description similaire - GS1578A

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1560A GENNUM-GS1560A Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com