Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS1560 Fiches technique(PDF) 6 Page - Gennum Corporation

No de pièce GS1560
Description  HD-LINX II Voltage Controlled Oscillator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1560 Fiches technique(HTML) 6 Page - Gennum Corporation

  GS1560 Datasheet HTML 1Page - Gennum Corporation GS1560 Datasheet HTML 2Page - Gennum Corporation GS1560 Datasheet HTML 3Page - Gennum Corporation GS1560 Datasheet HTML 4Page - Gennum Corporation GS1560 Datasheet HTML 5Page - Gennum Corporation GS1560 Datasheet HTML 6Page - Gennum Corporation GS1560 Datasheet HTML 7Page - Gennum Corporation GS1560 Datasheet HTML 8Page - Gennum Corporation GS1560 Datasheet HTML 9Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
GO1525 Data Sheet
21969 - 8
July 2005
6 of 9
3.1 Reflow Conditions
The device will meet the data sheet specifications after completing the reflow
process according to the profile shown in Figure 3-1 or Figure 3-2. Recommended
soldering conditions are as follows:
3.2 Soldering Flux
Do not use cleaning type flux. Washing the devices after using cleaning type flux
may damage inner parts and affect performance.
3.3 Rework or Repair
Rework or repair must only be done once. Do not reflow the device more than
twice; once for initial soldering and once for remounting after rework.
Do not vibrate the VCO during reflow soldering.
3.4 Endurance To Warp
When the device is soldered on a printed circuit board (dimension: 100mm x
100mm; thickness: 1.6mm) and the PCB is warped as shown in Figure 3-2, the
device will not be cracked or damaged.
Figure 3-3: PCB Warp
Preheating
150±10°C, 60 to 120 sec.
Soldering
Peak 260°C
Over 200°C within 30 sec.
VCO
PCB
MAX 2mm


Numéro de pièce similaire - GS1560

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS1560A GENNUM-GS1560A Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
GS1560A GENNUM-GS1560A Datasheet
1Mb / 80P
   Dual-Rate Deserializer
GS1560A GENNUM-GS1560A Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1560ACF GENNUM-GS1560ACF Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
GS1560ACF GENNUM-GS1560ACF Datasheet
1Mb / 80P
   Dual-Rate Deserializer
More results

Description similaire - GS1560

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS1560A GENNUM-GS1560A Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com