Moteur de recherche de fiches techniques de composants électroniques |
|
GS9062 Fiches technique(PDF) 5 Page - Gennum Corporation |
|
GS9062 Fiches technique(HTML) 5 Page - Gennum Corporation |
5 / 9 page GO1525 Data Sheet 21969 - 8 July 2005 5 of 9 3. Soldering Recommendations The device is manufactured with Matte-Sn terminations and is compatible with both standard eutectic and Pb-free solder reflow profiles. The recommended standard eutectic reflow profile is shown in Figure 3-1. The maximum recommended Pb-free reflow profile is shown in Figure 3-2. Figure 3-1: Standard Eutectic Solder Reflow Profile Figure 3-2: Maximum Pb-free Solder Reflow Profile 25˚C 100˚C 150˚C 183˚C 230˚C 220˚C Time Temperature 6 min. max 120 sec. max 60-150 sec. 10-20 sec. 3˚C/sec max 6˚C/sec max 25˚C 150˚C 200˚C 217˚C 260˚C 250˚C Time Temperature 8 min. max 60-180 sec. max 60-150 sec. 20-40 sec. 3˚C/sec max 6˚C/sec max |
Numéro de pièce similaire - GS9062 |
|
Description similaire - GS9062 |