Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS9065A Fiches technique(PDF) 1 Page - Gennum Corporation

No de pièce GS9065A
Description  GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9065A Fiches technique(HTML) 1 Page - Gennum Corporation

  GS9065A Datasheet HTML 1Page - Gennum Corporation GS9065A Datasheet HTML 2Page - Gennum Corporation GS9065A Datasheet HTML 3Page - Gennum Corporation GS9065A Datasheet HTML 4Page - Gennum Corporation GS9065A Datasheet HTML 5Page - Gennum Corporation GS9065A Datasheet HTML 6Page - Gennum Corporation GS9065A Datasheet HTML 7Page - Gennum Corporation GS9065A Datasheet HTML 8Page - Gennum Corporation GS9065A Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
www.gennum.com
GS1535A / GS9065A HD-LINX® II
Multi-Rate SDI Automatic Reclocker
GS1535A / GS9065A Data Sheet
31497 - 3
November 2005
1 of 27
Features
GS1535A
SMPTE 292M, 259M and 344M compliant
Supports data rates of 143, 177, 270, 360, 540, 1483.5,
1485 Mb/s
Supports DVB-ASI at 270Mb/s
Pb-free and RoHS Compliant
Footprint compatible with the GS1535, GS9065 and
GS9065A Automatic Reclockers
Auto and Manual Modes for rate selection
Standards indication in Auto Mode
4:1 input multiplexer
Lock Detect Output
On-chip Input and Output Termination
Differential 50
Ω inputs and outputs
Mute, Bypass and Autobypass functions
SD/HD indication output to control GS1528A Dual
Slew-Rate Cable Driver
Single 3.3V power supply
Operating temperature range: 0°C to 70°C
GS9065A
SMPTE 259M and 344M compliant
Supports data rates of 143, 177, 270, 360, and 540Mb/s
Supports DVB-ASI at 270Mb/s
Pb-free and RoHS Compliant
Footprint compatible with the GS1535, GS9065 and
GS1535A Automatic Reclockers
Auto and Manual Modes for rate selection
Standards indication in Auto Mode
4:1 input multiplexer
Lock Detect Output
On-chip Input and Output Termination
Differential 50
Ω inputs and outputs
Mute, Bypass and Autobypass functions
Single 3.3V power supply
Operating temperature range: 0°C to 70°C
Applications
GS1535A
SMPTE 292M, SMPTE 259M and SMPTE 344M Serial
Digital Interfaces
GS9065A
SMPTE 259M and SMPTE 344M Serial Digital Interfaces.
Description
The GS1535A/9065A is a Multi-Rate Serial Digital
Reclocker designed to automatically recover the
embedded clock from a digital video signal and re-time
the incoming video data.
The GS1535A Serial Digital Reclocker will recover the
embedded clock signal and re-time the data from a
SMPTE 292M, SMPTE 259M or SMPTE 344M
compliant digital video signal.
The GS9065A Serial Digital Reclocker will recover the
embedded clock signal and re-time the data from a
SMPTE 259M or SMPTE 344M compliant digital video
signal.
The GS1535A/9065A removes the high frequency jitter
components from the bit-serial stream. Input
termination is on-chip for seamless matching to 50
Ω
transmission lines. An LVPECL compliant output
interfaces seamlessly to the GS1528A/9068A Cable
Driver.
The GS1535A/9065A can operate in either auto or
manual rate selection mode. In Auto mode the device
will automatically detect and lock onto incoming SMPTE
SDI data signals at any supported rate. For single rate
data systems, the GS1535A/9065A can be configured
to operate in Manual mode. In both modes, the device
requires only one external crystal to set the VCO
frequency when not locked and provides adjustment
free operation.
In systems which require passing of non-SMPTE data
rates, the GS1535A/9065A can be configured to either
automatically or manually enter a bypass mode in order
to pass the signal without reclocking.
The ASI/177 input pin allows for manual selection of
support of either 177Mb/s or DVB-ASI inputs.
The GS1535A/9065A is Pb-free, and the encapsulation
compound does not contain halogenated flame
retardant (RoHS Compliant).


Numéro de pièce similaire - GS9065A

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS9065A GENNUM-GS9065A Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
GS9065ACFUE3 GENNUM-GS9065ACFUE3 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
More results

Description similaire - GS9065A

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1575A GENNUM-GS1575A Datasheet
498Kb / 29P
   GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
logo
M/A-COM Technology Solu...
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com