Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS1535-CFUE3 Fiches technique(PDF) 8 Page - Gennum Corporation

No de pièce GS1535-CFUE3
Description  GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1535-CFUE3 Fiches technique(HTML) 8 Page - Gennum Corporation

Back Button GS1535-CFUE3 Datasheet HTML 4Page - Gennum Corporation GS1535-CFUE3 Datasheet HTML 5Page - Gennum Corporation GS1535-CFUE3 Datasheet HTML 6Page - Gennum Corporation GS1535-CFUE3 Datasheet HTML 7Page - Gennum Corporation GS1535-CFUE3 Datasheet HTML 8Page - Gennum Corporation GS1535-CFUE3 Datasheet HTML 9Page - Gennum Corporation GS1535-CFUE3 Datasheet HTML 10Page - Gennum Corporation GS1535-CFUE3 Datasheet HTML 11Page - Gennum Corporation GS1535-CFUE3 Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
GS1535 Data Sheet
18557 - 8
February 2005
8 of 22
2.3 AC Electrical Characteristics
XTAL_OUT+,
XTAL_OUT-
High
VOH
-VCC
-V
7
Low
VOL
-VCC - 0.285
-
V
7
Serial Input
Voltage
Common
mode
1.65 +
(VSID/2)
-VCC - (VSID/2)
V
1
Output Voltage
SDO, SDO
Common
mode
-VCC - VOD/2
-
V
1
Test Levels
1. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges.
2. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges using
correlated test.
3. Production test at room temperature and nominal supply voltage.
4. QA sample test.
5. Calculated result based on Level 1, 2, or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data of similar product.
9. Indirect test.
Table 2-2: DC Electrical Characteristics
V
cc = 3.3V,
T
A = 0°C to 70°C, unless otherwise shown
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Test
Levels
Table 2-3: AC Electrical Characteristics
V
cc = 3.3V,
T
A = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Test
Levels
Serial Input Data Rate
143
-
1485
Mb/s
3
Serial Input Jitter Tolerance
Worst case modulation
Eg. Square wave modulation
143, 270, 360, 1485 Mb/s
0.8
-
-
UI
1
PLL Lock Time -
Asynchronous
t
ALOCK
-
5
10
ms
6,7
PLL Lock Time - Synchronous
t
SLOCK
CLF=47nF
SD/HD=0
0.29
-
-
µs6,7
SD/HD=1
0.16
-
-
µs6,7
Serial Output Rise/Fall Time
(20% - 80%)
trSDO
50
Ω load (on chip)
-
114
-
ps
6,7
tfSDO
-
106
-
ps
Serial Input - Signal Swing
VSID
50
Ω load (on chip)
100
-
800
mVp-p
6,7
Serial Output - Signal Swing
V
OD
Differential (across 100
Ω).
1400
-
2000
mVp-p


Numéro de pièce similaire - GS1535-CFUE3

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS1535A GENNUM-GS1535A Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
GS1535ACFUE3 GENNUM-GS1535ACFUE3 Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535ACFUE3 GENNUM-GS1535ACFUE3 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
More results

Description similaire - GS1535-CFUE3

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1575A GENNUM-GS1575A Datasheet
498Kb / 29P
   GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
logo
Semtech Corporation
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com