Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS1531-CB Fiches technique(PDF) 7 Page - Gennum Corporation

No de pièce GS1531-CB
Description  GS1531 HD-LINX-TM II Multi-Rate Serializer
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1531-CB Fiches technique(HTML) 7 Page - Gennum Corporation

Back Button GS1531-CB Datasheet HTML 3Page - Gennum Corporation GS1531-CB Datasheet HTML 4Page - Gennum Corporation GS1531-CB Datasheet HTML 5Page - Gennum Corporation GS1531-CB Datasheet HTML 6Page - Gennum Corporation GS1531-CB Datasheet HTML 7Page - Gennum Corporation GS1531-CB Datasheet HTML 8Page - Gennum Corporation GS1531-CB Datasheet HTML 9Page - Gennum Corporation GS1531-CB Datasheet HTML 10Page - Gennum Corporation GS1531-CB Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
GS1531 Data Sheet
30573 - 4
July 2005
7 of 49
A10, A9,
B10, B9,
C10, C9,
D10, D9,
E10, E9
DIN[19:10]
Synchronous
with PCLK
Input
PARALLEL DATA BUS
Signal levels are LVCMOS/LVTTL compatible.
DIN19 is the MSB and DIN10 is the LSB.
HD 20-bit mode
SD/HD = LOW
20bit/10bit = HIGH
Luma data input in SMPTE mode
SMPTE_BYPASS = HIGH
DVB_ASI = LOW
Data input in Data-Through mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
HD 10-bit mode
SD/HD = LOW
20bit/10bit = LOW
Multiplexed Luma and Chroma data input
in SMPTE mode
SMPTE_BYPASS = HIGH
DVB_ASI = LOW
Data input in Data-Through mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
SD 20-bit mode
SD/HD = HIGH
20bit/10bit = HIGH
Luma data input in SMPTE mode
SMPTE_BYPASS = HIGH
DVB_ASI = LOW
Data input in Data-Through mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
DVB-ASI data input in DVB-ASI mode
SMPTE_BYPASS = LOW
DVB_ASI = HIGH
SD 10-bit mode
SD/HD = HIGH
20bit/10bit = LOW
Multiplexed Luma and Chroma data input
in SMPTE mode
SMPTE_BYPASS = HIGH
DVB_ASI = LOW
Data input in data through mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
DVB-ASI data input in DVB-ASI mode
SMPTE_BYPASS = LOW
DVB_ASI = HIGH
B1
CP_CAP
Analog
Input
PLL lock time constant capacitor connection.
B2
CP_VDD
Power
Power supply connection for the charge pump. Connect to +3.3V DC
analog.
B3
CP_GND
Power
Ground connection for the charge pump. Connect to analog GND.
B4
LB_CONT
Analog
Input
Control voltage to set the loop bandwidth of the integrated reclocker.
B7
DETECT_TRS
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to select the timing mode of the device.
When set HIGH, the device will lock the internal flywheel to the embedded
TRS timing signals in the parallel input data.
When set LOW, the device will lock the internal flywheel to the externally
supplied H, V, and F input signals.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Numéro de pièce similaire - GS1531-CB

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS1531-CB GENNUM-GS1531-CB Datasheet
817Kb / 50P
   Multi-Rate Serializer with ClockCleaner
GS1531-CBE2 GENNUM-GS1531-CBE2 Datasheet
817Kb / 50P
   Multi-Rate Serializer with ClockCleaner
More results

Description similaire - GS1531-CB

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1559 GENNUM-GS1559 Datasheet
1Mb / 74P
   GS1559 HD-LINX-TM II Multi-Rate Deserializer with Loop-Through Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com